Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA237 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA237 Datasheet HTML 17Page - Texas Instruments INA237 Datasheet HTML 18Page - Texas Instruments INA237 Datasheet HTML 19Page - Texas Instruments INA237 Datasheet HTML 20Page - Texas Instruments INA237 Datasheet HTML 21Page - Texas Instruments INA237 Datasheet HTML 22Page - Texas Instruments INA237 Datasheet HTML 23Page - Texas Instruments INA237 Datasheet HTML 24Page - Texas Instruments INA237 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
Table 7-3. INA237 Registers (continued)
Address Acronym
Register Name
Register Size (bits)
Section
Dh
SUVL
Shunt Undervoltage Threshold
16
Go
Eh
BOVL
Bus Overvoltage Threshold
16
Go
Fh
BUVL
Bus Undervoltage Threshold
16
Go
10h
TEMP_LIMIT
Temperature Over-Limit
Threshold
16
Go
11h
PWR_LIMIT
Power Over-Limit Threshold
16
Go
3Eh
MANUFACTURER_ID
Manufacturer ID
16
Go
Complex bit access types are encoded to fit into small table cells. Table 7-4 shows the codes that are used for
access types in this section.
Table 7-4. INA237 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
7.6.1.1 Configuration (CONFIG) Register (Address = 0h) [reset = 0h]
The CONFIG register is shown in Table 7-5.
Return to the Summary Table.
Table 7-5. CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15
RST
R/W
0h
Reset Bit. Setting this bit to '1' generates a system reset that is the
same as power-on reset.
Resets all registers to default values.
0h = Normal Operation
1h = System Reset sets registers to default values
This bit self-clears.
14
RESERVED
R/W
0h
Reserved. Always reads 0.
13-6
CONVDLY
R/W
0h
Sets the Delay for initial ADC conversion in steps of 2 ms.
0h = 0 s
1h = 2 ms
FFh = 510 ms
5
RESERVED
R/W
0h
Reserved. Always reads 0.
4
ADCRANGE
R/W
0h
Shunt full scale range selection across IN+ and IN–.
0h = ±163.84 mV
1h = ± 40.96 mV
3-0
RESERVED
R
0h
Reserved. Always reads 0.
www.ti.com
INA237
SBOSA20 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com