Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA237 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA237 Datasheet HTML 16Page - Texas Instruments INA237 Datasheet HTML 17Page - Texas Instruments INA237 Datasheet HTML 18Page - Texas Instruments INA237 Datasheet HTML 19Page - Texas Instruments INA237 Datasheet HTML 20Page - Texas Instruments INA237 Datasheet HTML 21Page - Texas Instruments INA237 Datasheet HTML 22Page - Texas Instruments INA237 Datasheet HTML 23Page - Texas Instruments INA237 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Frame 1 Two-Wire Secondary Address Byte
(1)
Frame 2 Register Pointer Byte
1
Start By
Main
ACK By
Secondary
ACK By
Secondary
1
9
1
9
SDA
SCL
0
0
A3
A2
A1
A0
R/W
P7
P6
P5
P4
P3
P2
P1
P0
Stop
¢
A. The value of the Secondary Device Address Byte is determined by the settings of the A0 and A1 pins. Refer to Table 7-2.
Figure 7-9. Typical Register Pointer Set
7.5.1.2 High-Speed I2C Mode
When the bus is idle, both the SDA and SCL lines are pulled high by the pullup resistors. The main device
generates a start condition followed by a valid serial byte containing high-speed (HS) main device code
00001XXX. This transmission is made in fast (400 kHz) or standard (100 kHz) (F/S) mode at no more than 400
kHz. The device does not acknowledge the HS main device code, but does recognize it and switches its internal
filters to support 2.94-MHz operation.
The main device then generates a repeated start condition (a repeated start condition has the same timing as
the start condition). After this repeated start condition, the protocol is the same as F/S mode, except that
transmission speeds up to 2.94 MHz are allowed. Instead of using a stop condition, use repeated start
conditions to maintain the bus in HS-mode. A stop condition ends the HS-mode and switches all the internal
filters of the device to support the F/S mode.
7.5.1.3 SMBus Alert Response
The INA237 is designed to respond to the SMBus Alert Response address. The SMBus Alert Response provides
a quick fault identification for simple secondary devices. When an Alert occurs, the main device can broadcast
the Alert Response secondary device address (0001 100) with the Read/Write bit set high. Following this Alert
Response, any secondary device that generates an alert identifies itself by acknowledging the Alert Response
and sending its address on the bus.
The Alert Response can activate several different slave devices simultaneously, similar to the I2C General Call. If
more than one slave attempts to respond, bus arbitration rules apply. The losing device does not generate an
Acknowledge and continues to hold the Alert line low until that device wins arbitration.
7.6 Register Maps
7.6.1 INA237 Registers
Table 7-3 lists the INA237 registers. All register locations not listed in Table 7-3 should be considered as
reserved locations and the register contents should not be modified.
Table 7-3. INA237 Registers
Address Acronym
Register Name
Register Size (bits)
Section
0h
CONFIG
Configuration
16
Go
1h
ADC_CONFIG
ADC Configuration
16
Go
2h
SHUNT_CAL
Shunt Calibration
16
Go
4h
VSHUNT
Shunt Voltage Measurement
16
Go
5h
VBUS
Bus Voltage Measurement
16
Go
6h
DIETEMP
Temperature Measurement
16
Go
7h
CURRENT
Current Result
16
Go
8h
POWER
Power Result
24
Go
Bh
DIAG_ALRT
Diagnostic Flags and Alert
16
Go
Ch
SOVL
Shunt Overvoltage Threshold
16
Go
INA237
SBOSA20 – FEBRUARY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com