Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA237 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 3 Page - Texas Instruments

  INA237 Datasheet HTML 1Page - Texas Instruments INA237 Datasheet HTML 2Page - Texas Instruments INA237 Datasheet HTML 3Page - Texas Instruments INA237 Datasheet HTML 4Page - Texas Instruments INA237 Datasheet HTML 5Page - Texas Instruments INA237 Datasheet HTML 6Page - Texas Instruments INA237 Datasheet HTML 7Page - Texas Instruments INA237 Datasheet HTML 8Page - Texas Instruments INA237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
5 Pin Configuration and Functions
1
A1
10
IN+
2
A0
9
IN–
3
ALERT
8
VBUS
4
SDA
7
GND
5
SCL
6
VS
Not to scale
Figure 5-1. DGS Package 10-Pin VSSOP Top View
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
A1
Digital input
I2C address pin. Connect to GND, SCL, SDA, or VS.
2
A0
Digital input
I2C address pin. Connect to GND, SCL, SDA, or VS.
3
ALERT
Digital output
Open-drain alert output, default state is active low.
4
SDA
Digital input/output
Open-drain bidirectional I2C data.
5
SCL
Digital input
I2C clock input.
6
VS
Power supply
Power supply, 2.7 V to 5.5 V.
7
GND
Ground
Ground.
8
VBUS
Analog input
Bus voltage input.
9
IN–
Analog input
Negative input to the device. For high-side applications, connect to load side of sense resistor. For
low-side applications, connect to ground side of sense resistor.
10
IN+
Analog input
Positive input to the device. For high-side applications, connect to power supply side of sense
resistor. For low-side applications, connect to load side of sense resistor.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VS
Supply voltage
6
V
VIN+, VIN– (2)
Differential (VIN+) – (VIN–)
–40
40
V
Common-mode
–0.3
85
V
VVBUS
–0.3
85
V
VALERT
ALERT
–0.3
Vs + 0.3
V
VIO
SDA, SCL
–0.3
6
V
IIN
Input current into any pin
5
mA
IOUT
Digital output current
10
mA
TJ
Junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
www.ti.com
INA237
SBOSA20 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com