Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 5 Page - Harris Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD10P03LSM Datasheet(HTML) 5 Page - Harris Corporation

  RFD10P03LSM Datasheet HTML 1Page - Harris Corporation RFD10P03LSM Datasheet HTML 2Page - Harris Corporation RFD10P03LSM Datasheet HTML 3Page - Harris Corporation RFD10P03LSM Datasheet HTML 4Page - Harris Corporation RFD10P03LSM Datasheet HTML 5Page - Harris Corporation RFD10P03LSM Datasheet HTML 6Page - Harris Corporation RFD10P03LSM Datasheet HTML 7Page - Harris Corporation RFD10P03LSM Datasheet HTML 8Page - Harris Corporation RFD10P03LSM Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
FIGURE 12. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
FIGURE 13. SWITCHING TIME vs GATE RESISTANCE
NOTE: Refer to Application Notes AN7254 and AN7260.
FIGURE 14. NORMALIZED SWITCHING WAVEFORMS FOR
CONSTANT GATE CURRENT
FIGURE 15. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves Unless Otherwise Specified (Continued)
-80
-40
0
40
80
120
160
0.4
0.8
1.0
1.2
TJ, JUNCTION TEMPERATURE (
oC)
200
VGS = VDS,ID = -250µA
0.6
125
20
30
40
50
0
25
100
150
50
0
10
RGS, GATE TO SOURCE RESISTANCE (Ω)
td(OFF)
td(ON)
tr
tf
75
VDD = -15V, ID = -10A, RL= 1.50Ω
-30
-22.5
-15
-7.5
0
-5.00
-3.75
-2.50
-1.25
0.00
20
IG(REF)
IG(ACT)
80
IG(REF)
IG(ACT)
t, TIME (
µs)
VDD = BVDSS
RL = 3.0Ω
IG(REF) = -0.25mA
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
0.75 BVDSS
0.50 BVDSS
0.25 BVDSS
VGS = -5V
VDD =BVDSS
800
600
400
200
0
0
-5
-10
-15
-20
-25
VDS, DRAIN TO SOURCE VOLTAGE (V)
1200
CISS
COSS
CRSS
1000
VGS = 0V, f = 1MHz
RFD10P03L, RFD10P03LSM, RFP10P03L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com