Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 1 Page - Harris Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD10P03LSM Datasheet(HTML) 1 Page - Harris Corporation

  RFD10P03LSM Datasheet HTML 1Page - Harris Corporation RFD10P03LSM Datasheet HTML 2Page - Harris Corporation RFD10P03LSM Datasheet HTML 3Page - Harris Corporation RFD10P03LSM Datasheet HTML 4Page - Harris Corporation RFD10P03LSM Datasheet HTML 5Page - Harris Corporation RFD10P03LSM Datasheet HTML 6Page - Harris Corporation RFD10P03LSM Datasheet HTML 7Page - Harris Corporation RFD10P03LSM Datasheet HTML 8Page - Harris Corporation RFD10P03LSM Datasheet HTML 9Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
SEMICONDUCT OR
1
May 1997
Features
• 10A, 30V
•rDS(ON) = 0.200Ω
•
Temperature Compensating PSPICE Model
• PSPICE Thermal Model
• Peak Current vs Pulse Width Curve
• UIS Rating Curve
• 175oC Operating Temperature
Formerly developmental type TA49205.
Description
These products are P-Channel power MOSFETs manufac-
tured using the MegaFET process. This process, which uses
feature sizes approaching those of LSI circuits, gives opti-
mum utilization of silicon, resulting in outstanding perfor-
mance. They were designed for use in applications such as
switching regulators, switching converters, motor drivers,
and relay drivers. These transistors can be operated directly
from integrated circuits.
Symbol
Packaging
Ordering Information
PART NUMBER
PACKAGE
BRAND
RFD10P03L
TO-251AA
10P03L
RFD10P03LSM
TO-252AA
10P03L
RFP10P03L
TO-220AB
F10P03L
NOTE: When ordering, use the entire part number. Add the suffix, 9A,
to obtain the TO-252AA variant in tape and reel, i.e. RFD10P03LSM9A..
G
D
S
JEDEC TO-220AB
JEDEC TO-251AA
JEDEC TO-252AA
GATE
DRAIN (FLANGE)
SOURCE
DRAIN
SOURCE
DRAIN (FLANGE)
GATE
DRAIN
GATE
SOURCE
DRAIN (FLANGE)
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper ESD Handling Procedures.
Copyright
© Harris Corporation 1997
File Number
3515.1
RFD10P03L, RFD10P03LSM,
RFP10P03L
10A, 30V, 0.200
Ω, Logic Level
P-Channel Power MOSFET


Similar Part No. - RFD10P03LSM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RFD10P03LSM INTERSIL-RFD10P03LSM Datasheet
133Kb / 8P
10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
July 1999
logo
Inchange Semiconductor ...
RFD10P03LSM ISC-RFD10P03LSM Datasheet
298Kb / 2P
isc P-Channel MOSFET Transistor
More results

Similar Description - RFD10P03LSM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HP4410DY FAIRCHILD-HP4410DY Datasheet
151Kb / 6P
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
HUF76131SK8 FAIRCHILD-HUF76131SK8 Datasheet
309Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
RFD10P03L FAIRCHILD-RFD10P03L Datasheet
272Kb / 12P
10A, 30V, 0.200W, Logic Level P-Channel Power MOSFET
logo
Intersil Corporation
HP4410DY INTERSIL-HP4410DY Datasheet
82Kb / 5P
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
1999 08
HUF76131SK8 INTERSIL-HUF76131SK8 Datasheet
197Kb / 10P
10A, 30V, 0.013 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
June 2000
ITF86116SQT INTERSIL-ITF86116SQT Datasheet
199Kb / 12P
10A, 30V, 0.012 Ohm, N-Channel, Logic Level, Power MOSFET
March 2000
ITF86172SK8T INTERSIL-ITF86172SK8T Datasheet
174Kb / 12P
10A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
January 2000
ITF86174SQT INTERSIL-ITF86174SQT Datasheet
198Kb / 12P
9A, 30V, 0.016 Ohm, P-Channel, Logic Level, Power MOSFET
March 2000
RFD10P03L INTERSIL-RFD10P03L Datasheet
133Kb / 8P
10A, 30V, 0.200 Ohm, Logic Level, P-Channel Power MOSFET
July 1999
RFT2P03L INTERSIL-RFT2P03L Datasheet
91Kb / 9P
2.1A, 30V, 0.150 Ohm, P-Channel Logic Level, Power MOSFET
July 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com