Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 11 Page - Harris Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD10P03LSM Datasheet(HTML) 11 Page - Harris Corporation

Back Button RFD10P03LSM Datasheet HTML 4Page - Harris Corporation RFD10P03LSM Datasheet HTML 5Page - Harris Corporation RFD10P03LSM Datasheet HTML 6Page - Harris Corporation RFD10P03LSM Datasheet HTML 7Page - Harris Corporation RFD10P03LSM Datasheet HTML 8Page - Harris Corporation RFD10P03LSM Datasheet HTML 9Page - Harris Corporation RFD10P03LSM Datasheet HTML 10Page - Harris Corporation RFD10P03LSM Datasheet HTML 11Page - Harris Corporation RFD10P03LSM Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
RFD10P03L, RFD10P03LSM, RFP10P03L
TO-252AA
SURFACE MOUNT JEDEC TO-252AA PLASTIC PACKAGE
LEAD NO. 1
-
GATE
LEAD NO. 3
-
SOURCE
TERM. 4
-
DRAIN
b2
E
D
L3
L
e
b1
b
13
A
L
c
SEATING
BACK VIEW
2
H1
A1
b3
e1
J1
L1
TERM. 4
0.265
MINIMUM PAD SIZE RECOMMENDED FOR
SURFACE-MOUNTED APPLICATIONS
(6.7)
0.265 (6.7)
0.070 (1.8)
0.118 (3.0)
0.063 (1.6)
0.090 (2.3)
0.063 (1.6)
0.090 (2.3)
PLANE
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.086
0.094
2.19
2.38
-
A1
0.018
0.022
0.46
0.55
4, 5
b
0.028
0.032
0.72
0.81
4, 5
b1
0.033
0.040
0.84
1.01
4
b2
0.205
0.215
5.21
5.46
4, 5
b3
0.190
-
4.83
-
2
c
0.018
0.022
0.46
0.55
4, 5
D
0.270
0.290
6.86
7.36
-
E
0.250
0.265
6.35
6.73
-
e
0.090 TYP
2.28 TYP
7
e1
0.180 BSC
4.57 BSC
7
H1
0.035
0.045
0.89
1.14
-
J1
0.040
0.045
1.02
1.14
-
L
0.100
0.115
2.54
2.92
-
L1
0.020
-
0.51
-
4, 6
L2
0.025
0.040
0.64
1.01
3
L3
0.170
-
4.32
-
2
NOTES:
1. These dimensions are within allowable dimensions of Rev. B of
JEDEC TO-252AA outline dated 9-88.
2. L3 and b3 dimensions establish a minimum mounting surface for
terminal 4.
3. Solder finish uncontrolled in this area.
4. Dimension (without solder).
5. Add typically 0.002 inches (0.05mm) for solder plating.
6. L1 is the terminal length for soldering.
7. Position of lead to be measured 0.090 inches (2.28mm) from bottom
of dimension D.
8. Controlling dimension: Inch.
9. Revision 6 dated 10-96.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com