Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFD10P03LSM Datasheet(PDF) 8 Page - Harris Corporation

Part # RFD10P03LSM
Description  10A, 30V, 0.200 ohm, Logic Level P-Channel Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

RFD10P03LSM Datasheet(HTML) 8 Page - Harris Corporation

Back Button RFD10P03LSM Datasheet HTML 4Page - Harris Corporation RFD10P03LSM Datasheet HTML 5Page - Harris Corporation RFD10P03LSM Datasheet HTML 6Page - Harris Corporation RFD10P03LSM Datasheet HTML 7Page - Harris Corporation RFD10P03LSM Datasheet HTML 8Page - Harris Corporation RFD10P03LSM Datasheet HTML 9Page - Harris Corporation RFD10P03LSM Datasheet HTML 10Page - Harris Corporation RFD10P03LSM Datasheet HTML 11Page - Harris Corporation RFD10P03LSM Datasheet HTML 12Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
PSpice Thermal Model
REV 29 Aug 96
RFP10P03L
CTHERM1 7 6 5.00e-7
CTHERM2 6 5 5.35e-4
CTHERM3 5 4 5.50e-4
CTHERM4 4 3 1.75e-3
CTHERM5 3 2 1.25e-2
CTHERM6 2 1 0.45
RTHERM1 7 6 1.00e-2
RTHERM2 6 5 2.05e-2
RTHERM3 5 4 5.39e-2
RTHERM4 4 3 5.45e-1
RTHERM5 3 2 1.01
RTHERM6 2 1 0.50
RFD10P03L, RFD10P03LSM
CTHERM1 7 6 5.00e-7
CTHERM2 6 5 5.35e-4
CTHERM3 5 4 5.50e-4
CTHERM4 4 3 1.75e-3
CTHERM5 3 2 1.25e-2
CTHERM6 2 1 0.11
RTHERM1 7 6 1.00e-2
RTHERM2 6 5 2.05e-2
RTHERM3 5 4 5.39e-2
RTHERM4 4 3 5.45e-1
RTHERM5 3 2 1.01
RTHERM6 2 1 0.50
RFD10P03L, RFD10P03LSM, RFP10P03L
RTHERM4
RTHERM6
RTHERM5
RTHERM3
RTHERM2
RTHERM1
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
1
2
3
4
5
6
7
JUNCTION
CASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com