Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC3356
Description  It is an ultra-high-frequency low-noise transistor, using planar NPN silicon outside
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC3356 Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC3356 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
电学特性 (TA=25℃)
参数
符号
最小
典型
最大 单位
测试条件
集电极基极击穿电压
VCBO
20
V
IC=1.0uA
集电极基极漏电流
ICBO
0.1
uA
VCB=10V
发射极基极电流
IEBO
1.0
uA
VEB=1V
直流增益
hFE
50
150
250
VCE=10V,IC=20mA
增益带宽乘积
fT
6
7
GHz
VCE=10V,IC=20mA
输出反馈电容
Cre
0.65
pF
VCB=10V,IE=0mA,f=1MHz
功率增益
| S21 |
2
10.5
11.5
dB
VCE=10V,IC=20mA,f=1GHz
噪声因子
NF
1.1
2.0
dB
VCE=10V,IC=7mA,f=1GHz
封装形式
SOT-23/SC-59
管脚定义:1:基极(Base) 2:发射极(Emitter)
3:集电极(Collector)
SOT-23
SC-59
符号
最小值
最大值
最小值
最大值
(mm)
(mm)
(mm)
(mm)
A
0.30
0.40
0.30
0.40
B
1.20
1.40
1.50
1.70
C
2.65
2.95
2.65
2.95
D
0.95
0.95
G
1.80
2.00
1.80
2.00
H
2.80
3.00
2.82
3.02
K
0.9
1.10
1.05
1.25
L
0.70
0.70
M
0.10
0.20
0.10
0.20
2SC3356
Rev :
www.leiditech.com
01.06.2015
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com