Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC3356
Description  It is an ultra-high-frequency low-noise transistor, using planar NPN silicon outside
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC3356 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC3356 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
典型特性曲线(TA=25℃)
直流增益 Vs.集电极电流
0
50
100
150
200
0.1
1
10
100
集电极电流 IC(mA)
功耗 vs. 环境温度
0
50
100
150
200
250
0
50
100
150
200
环境温度T(℃)
Vce=10V
插入功率增益 Vs.集电极电流
0
5
10
15
1
10
100
集电极电流 Ic(mA)
增益带宽乘积 vs.集电极电流
0
2
4
6
8
10
1
10
100
集电极电流Ic(mA)
Vce=10V
f=1GHz
Vce=10V
f=1GHz
躁声系数 Vs.集电极电流
0
1
2
3
4
1
10
100
5
集电极电流 Ic(mA)
集电极反馈电容 vs.集电极基
极反向电压
0
0.5
1
1.5
2
2.5
11
集电极基极反向电压Vcb(V)
0
Vce=10V
f=1GHz
f=1MHz
2SC3356
Rev :
www.leiditech.com
01.06.2015
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com