Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC3356
Description  It is an ultra-high-frequency low-noise transistor, using planar NPN silicon outside
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC3356 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC3356 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
描述
2SC3356是超高频低噪声晶体管,采用平面NPN硅外
延双极型工艺。具有高功率增益、低噪声系数、大动态范围和理想的电流特性。采用
SOT-23/SC-59 贴片式封装,主要应用于 VHF、UHF 和 CATV 高频宽带低噪声放大器。
主要特性
高增益:
︱S21︱
2 典型值为 11.5dB @ Vce=10V,Ic=20mA,f=1GHz
低躁声:
NF 典型值为 1.2dB
@ Vce=10V,Ic=7mA,f=1GHz
增益带宽乘积:
fT 典型值为 7GHz
@ Vce=10V,Ic=20mA,f=1GHz
订购信息
产品号
最小订单数
2SC3356
3K/盘
极限工作条件范围 (TA=25℃)
参数
符号
极值
单位
集电极基极击穿电压
VCBO
20
V
集电极发射极击穿电压
VCEO
12
V
发射极基极击穿电压
VEBO
3
V
集电极电流
IC
100
mA
功耗
PC
200
mW
结温度
Tj
150
℃
存储温度
Tstg
-65 ~ +150
℃
hFE 规格
等级
G
R
S
标号
R23
R24
R25
hFE
50-100
80-150
125-250
2SC3356
Rev :
www.leiditech.com
01.06.2015
1/5


Similar Part No. - 2SC3356

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3356 NEC-2SC3356 Datasheet
102Kb / 8P
MICROWAVE LOW NOISE AMPLIFIER(NPN SILICON EPITAXIAL TRANSISTOR)
logo
Unisonic Technologies
2SC3356 UTC-2SC3356 Datasheet
105Kb / 3P
HIGH FREQUENCY LOW NOISE AMPLIFIER
logo
Guangdong Kexin Industr...
2SC3356 KEXIN-2SC3356 Datasheet
39Kb / 1P
NPN Silicon Epitaxial Transistor
logo
SeCoS Halbleitertechnol...
2SC3356 SECOS-2SC3356 Datasheet
251Kb / 3P
NPN Silicon Plastic-Encapsulate Transistor
logo
Weitron Technology
2SC3356 WEITRON-2SC3356 Datasheet
430Kb / 3P
High-Frequency Amplifier Transistor NPN Silicon
More results

Similar Description - 2SC3356

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF5811LT1 MOTOROLA-MRF5811LT1 Datasheet
155Kb / 8P
LOW NOISE HIGH-FREQUENCY TRANSISTOR NPN SILICON
logo
Advanced Power Technolo...
MMBR911LT1 ADPOW-MMBR911LT1 Datasheet
148Kb / 6P
NPN SILICON LOW NOISE, HIGH-FREQUENCY TRANSISTOR
logo
NTE Electronics
NTE2662 NTE-NTE2662 Datasheet
78Kb / 2P
Silicon NPN Transistor High Frequency, Low Noise RF
logo
Sanyo Semicon Device
MCH4020 SANYO-MCH4020 Datasheet
276Kb / 9P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifi er
MCH4021 SANYO-MCH4021 Datasheet
276Kb / 9P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
CPH6001A SANYO-CPH6001A Datasheet
58Kb / 6P
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifier Applications
MCH6001 SANYO-MCH6001 Datasheet
256Kb / 4P
NPN Epitaxial Planar Silicon Composite Transistor High Frequency Low-Noise Amplifi er
CPH6020 SANYO-CPH6020 Datasheet
264Kb / 4P
NPN Epitaxial Planar Silicon Transistor High-Frequency Low-Noise Amplifi er
MCH4020 SANYO-MCH4020_12 Datasheet
470Kb / 11P
NPN Epitaxial Planar Silicon Transistor High Frequency Low-Noise Amplifier
logo
Shanghai Leiditech Elec...
2SC4226 LEIDITECH-2SC4226 Datasheet
685Kb / 5P
2SC4226 is an ultra-high frequency low-noise transistor, using planar NPN silicon outside
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com