Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3356 Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SC3356
Description  It is an ultra-high-frequency low-noise transistor, using planar NPN silicon outside
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SC3356 Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SC3356 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SC3356 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
散射参数(S-PARAMETER)
测试条件:Vce=10V,Ic=20mA,Zo=50Ω
测试频率
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.2
0.45
-70.42
16.73
150.2
0.04
89.27
0.42
-12.05
0.4
0.4
-177.3
9.3
94.32
0.06
65.65
0.21
-53.52
0.6
0.41
150.4
6.2
72.41
0.07
55.63
0.17
-76.62
0.8
0.41
126.3
4.69
55.83
0.1
47.91
0.17
-97.1
1.0
0.42
104.6
3.75
40.65
0.12
38.96
0.17
-119
1.2
0.42
85.22
3.17
26.22
0.14
30.11
0.17
-138.9
1.4
0.42
65.91
2.74
13.54
0.17
21.39
0.18
-158.9
1.6
0.42
47.16
2.4
1.03
0.2
12.16
0.19
-177.5
1.8
0.41
27.84
2.13
-12.34
0.22
2.27
0.21
164.93
2.0
0.4
8.34
1.99
-24.2
0.23
-8.36
0.23
148.19
测试条件:Vce=10V、Ic =5mA, Zo=50Ω
测试频率
S11
S21
S12
S22
GHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
0.2
0.77
-3.8
6.78
-177.5
0.06
99.12
0.8
6.86
0.4
0.62
-112.9
6.04
117.8
0.08
50.85
0.44
-48.92
0.6
0.52
-174.9
4.82
83
0.09
36.61
0.35
-73.18
0.8
0.49
150
3.81
61.86
0.1
30.36
0.32
-93.35
1.0
0.48
122.4
3.09
43.61
0.11
24.14
0.31
-113.7
1.2
0.48
99.54
2.64
27.16
0.12
18.43
0.31
-133.2
1.4
0.48
78.4
2.27
13.76
0.14
13.12
0.32
-153.3
1.6
0.48
58
1.97
0.66
0.17
6.97
0.32
-172.6
1.8
0.47
37.79
1.75
-13.71
0.18
0.2
0.34
168.78
2.0
0.46
17.69
1.66
-25.39
0.2
-9.01
0.36
150.36
2SC3356
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2015
5/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com