Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM0F243 Datasheet(PDF) 39 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 35Page - ON Semiconductor AXM0F243 Datasheet HTML 36Page - ON Semiconductor AXM0F243 Datasheet HTML 37Page - ON Semiconductor AXM0F243 Datasheet HTML 38Page - ON Semiconductor AXM0F243 Datasheet HTML 39Page - ON Semiconductor AXM0F243 Datasheet HTML 40Page - ON Semiconductor AXM0F243 Datasheet HTML 41Page - ON Semiconductor AXM0F243 Datasheet HTML 42Page - ON Semiconductor AXM0F243 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
AXM0F243
www.onsemi.com
39
Typical Application Diagrams
Connecting to Debug Adapter
Figure 6. Typical Application Diagram with Connection to the Debug Adapter
VDD_ANA
GND
ANTP
ANTN
ANTP1
GND
VDD_ANA
GND
RESET_N
DBG_EN
PB7
PB6
PB5
PB4
GND
PB3
AX8052F143
100pF
1uF
Jumper JP1
RF reference XTAL
32 kHz WCO
VDDA
VSSA
ANTP
ANTN
ANTP1
VSSA
VDDA
XRES
P0.5
P0.4
P0.2
P0.1
VSSA
P0.0
P4.3
AXM0F243
P0.6
NC
DBG_RESET_N
GND
DBG_DATA
DBG_CLK
GND
DBG_VDD
1
2
5
6
7
8
Debug adapter
connector
10
UART_RX
UART_TX
NC
3
9
4
100 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com