Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM0F243 Datasheet(PDF) 21 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 17Page - ON Semiconductor AXM0F243 Datasheet HTML 18Page - ON Semiconductor AXM0F243 Datasheet HTML 19Page - ON Semiconductor AXM0F243 Datasheet HTML 20Page - ON Semiconductor AXM0F243 Datasheet HTML 21Page - ON Semiconductor AXM0F243 Datasheet HTML 22Page - ON Semiconductor AXM0F243 Datasheet HTML 23Page - ON Semiconductor AXM0F243 Datasheet HTML 24Page - ON Semiconductor AXM0F243 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
AXM0F243
www.onsemi.com
21
SWD Interface
Table 29. SWD INTERFACE SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
F_SWDCLK1
3.3 V ≤ VDD ≤ 3.6 V
14
MHz
SWDCLK ≤ 1/3 CPU
clock frequency
F_SWDCLK2
1.8 V ≤ VDD ≤ 3.3 V
7
SWDCLK ≤ 1/3 CPU
clock frequency
T_SWDI_SETUP [12] T = 1/f SWDCLK
0.25*T
ns
T_SWDI_HOLD [12]
T = 1/f SWDCLK
0.25*T
T_SWDO_VALID [12] T = 1/f SWDCLK
0.5*T
T_SWDO_HOLD [12] T = 1/f SWDCLK
1
12.Guaranteed by characterization.
Internal Main Oscillator
Table 30. IMO DC SPECIFICATIONS *
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
IIMO1
IMO operating current at 48 MHz
250
mA
IIMO2
IMO operating current at 24 MHz
180
mA
*Guaranteed by design.
Table 31. IMO AC SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
FIMOTOL1
Frequency variation at 24, 32, and 48 MHz
(trimmed)
±2
%
TSTARTIMO
IMO startup time
7
ms
TJITRMSIMO2
RMS jitter at 24 MHz
145
ps
Internal Low−Speed Oscillator
Table 32. ILO DC SPECIFICATIONS *
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
IILO1
ILO operating current
0.3
1.05
mA
*Guaranteed by design.
Table 33. ILO AC SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details/ Conditions
TSTARTILO1 [13]
ILO startup time
2
ms
TILODUTY [13]
ILO duty cycle
40
50
60
%
FILOTRIM1
ILO frequency range
20
40
80
kHz
13.Guaranteed by characterization.
Table 34. WATCH CRYSTAL OSCILLATOR (WCO) SPECIFICATIONS
Parameter
Description
Min
Typ
Max
Units
Details / Conditions
FWCO
Crystal Frequency
32.768
kHz
FTOL
Frequency tolerance
50
250
ppm
With 20−ppm crystal
ESR
Equivalent series resistance
50
kW
PD
Drive Level
1
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com