Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM0F243 Datasheet(PDF) 13 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button AXM0F243 Datasheet HTML 9Page - ON Semiconductor AXM0F243 Datasheet HTML 10Page - ON Semiconductor AXM0F243 Datasheet HTML 11Page - ON Semiconductor AXM0F243 Datasheet HTML 12Page - ON Semiconductor AXM0F243 Datasheet HTML 13Page - ON Semiconductor AXM0F243 Datasheet HTML 14Page - ON Semiconductor AXM0F243 Datasheet HTML 15Page - ON Semiconductor AXM0F243 Datasheet HTML 16Page - ON Semiconductor AXM0F243 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
AXM0F243
www.onsemi.com
13
Table 12. CTBm OPAMP SPECIFICATIONS
Parameter
Details/ Conditions
Units
Max
Typ
Min
Description
Noise
VN2
Input−referred, 1 kHz, power=Hi
–
72
–
nV/rtHz
3
VN3
Input−referred, 10 kHz, power=Hi
–
28
–
Input and output are at
0.2 V to VDDD−0.2 V
VN4
Input−referred, 100 kHz, power=Hi
–
15
–
Input and output are at
0.2 V to VDDD−0.2 V
CLOAD
Stable up to max. load. Performance specs at
50 pF.
–
–
125
pF
–
SLEW_RATE
Cload = 50 pF, Power = High, VDDD = 2.7 V
6
–
–
V/ms
–
T_OP_WAKE
From disable to enable, no external RC domi-
nating
–
–
25
ms
–
OL_GAIN
Open Loop Gain
–
90
–
dB
COMP_MODE
Comparator mode; 50 mV drive, Trise=Tfall (ap-
prox.)
TPD1
Response time; power=hi
–
150
–
ns
Input is 0.2 V to
VDDD−0.2 V
TPD2
Response time; power=med
–
500
–
Input is 0.2 V to
VDDD−0.2 V
TPD3
Response time; power=lo
–
2500
–
Input is 0.2 V to
VDDD−0.2 V
VHYST_OP
Hysteresis
–
10
–
mV
–
WUP_CTB
Wake−up time from Enabled to Usable
–
–
25
ms
–
Deep Sleep
Mode
Mode 2 is lowest current range. Mode 1 has
higher GBW.
IDD_HI_M1
Mode 1, High current
–
1400
–
mA
25°C
IDD_MED_M1
Mode 1, Medium current
–
700
–
25°C
IDD_LOW_M1
Mode 1, Low current
–
200
–
25°C
IDD_HI_M2
Mode 2, High current
–
120
–
25°C
IDD_MED_M2
Mode 2, Medium current
–
60
–
25°C
IDD_LOW_M2
Mode 2, Low current
–
15
–
25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com