Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM0F243 Datasheet(PDF) 2 Page - ON Semiconductor

Part # AXM0F243
Description  SoC Ultra-Low Power RF-Microcontroller for RF Carrier Frequencies in the Range 27 - 1050 MHz
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AXM0F243 Datasheet(HTML) 2 Page - ON Semiconductor

  AXM0F243 Datasheet HTML 1Page - ON Semiconductor AXM0F243 Datasheet HTML 2Page - ON Semiconductor AXM0F243 Datasheet HTML 3Page - ON Semiconductor AXM0F243 Datasheet HTML 4Page - ON Semiconductor AXM0F243 Datasheet HTML 5Page - ON Semiconductor AXM0F243 Datasheet HTML 6Page - ON Semiconductor AXM0F243 Datasheet HTML 7Page - ON Semiconductor AXM0F243 Datasheet HTML 8Page - ON Semiconductor AXM0F243 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 53 page
background image
AXM0F243
www.onsemi.com
2
High
Performance
Narrow−band
RF
Transceiver
compatible to AX5043 (FSK/MSK/4−FSK/GFSK/GMSK/
ASK/AFSK/FM/PSK)
Receiver
Carrier Frequencies from 27 to 1050 MHz
Data Rates from 0.1 kbps to 125 kbps
Optional Forward Error Correction (FEC)
Sensitivity without FEC
−135 dBm @ 0.1 kbps, 868 MHz, FSK
−126 dBm @
1 kbps, 868 MHz, FSK
−117 dBm @ 10 kbps, 868 MHz, FSK
−107 dBm @ 100 kbps, 868 MHz, FSK
−105 dBm @ 125 kbps, 868 MHz, FSK
−138 dBm @ 0.1 kbps, 868 MHz, PSK
−130 dBm @
1 kbps, 868 MHz, PSK
−120 dBm @ 10 kbps, 868 MHz, PSK
−109 dBm @ 100 kbps, 868 MHz, PSK
−108 dBm @ 125 kbps, 868 MHz, PSK
Sensitivity with FEC
−137 dBm @ 0.1 kbps, 868 MHz, FSK
−122 dBm @ 5 kbps, 868 MHz, FSK
−111 dBm @ 50 kbps, 868 MHz, FSK
High Selectivity Receiver with up to 47 dB Adjacent
Channel Rejection
0 dBm Maximum Input Power
±10% Data−rate Error Tolerance
Support for Antenna Diversity with External
Antenna Switch
Short Preamble Modes allow the Receiver to work
with as little as 16 Preamble Bits
Fast State Switching Times
200
ms TX → RX Switching Time
62
ms RX → TX Switching Time
Transmitter
Carrier Frequencies from 27 to 1050 MHz
Data−rates from 0.1 kbps to 125 kbps
High Efficiency, High Linearity Integrated Power
Amplifier
Maximum Output Power
16 dBm @ 868 MHz
16 dBm @ 433 MHz
16 dBm @ 169 MHz
Power Level programmable in 0.5 dB Steps
GFSK Shaping with BT=0.3 or BT=0.5
Unrestricted Power Ramp Shaping
RF Frequency Generation
Configurable for Usage in 27 MHz −1050 MHz
Bands
RF Carrier Frequency and FSK Deviation
Programmable in 1 Hz Steps
Ultra Fast Settling RF Frequency Synthesizer for
Low−power Consumption
Fully Integrated RF Frequency Synthesizer with
VCO Auto−ranging and Band−width Boost Modes
for Fast Locking
Configurable for either Fully Integrated VCO,
Internal VCO with External Inductor or Fully
External VCO
Configurable for either Fully Integrated or External
Synthesizer Loop Filter for a Large Range of
Bandwidths
Channel Hopping up to 2000 hops/s
Automatic Frequency Control (AFC)
Flexible Antenna Interface
Integrated RX/TX Switching with Differential
Antenna Pins
Mode with Differential RX Pins and Single−ended
TX Pin for Usage with External PAs and for
Maximum PA Efficiency at Low Output Power
Wakeup−on−Radio
640 Hz or 10 kHz Lowest Power Wake−up Timer
Wake−up Time Interval programmable between
98
ms and 102 s
Sophisticated Radio Controller
Antenna Diversity and RX/TX Switch Control
Fully Automatic Packet Reception and Transmission
without Micro−controller Intervention
Supports HDLC, Raw, Wireless M−Bus Frames and
Arbitrary Defined Frames
Automatic Channel Noise Level Tracking
ms Resolution Timestamps for Exact Timing (eg. for
Frequency Hopping Systems)
256 Byte Micro−programmable FIFO, optionally
supports Packet Sizes > 256 Bytes
Three Matching Units for Preamble Byte,
Sync−word and Address
Ability to store RSSI, Frequency Offset and
Data−rate Offset with the Packet Data
Multiple Receiver Parameter Sets allow the use of
more aggressive Receiver Parameters during
Preamble, dramatically shortening the Required
Preamble Length at no Sensitivity Degradation
Advanced Crystal Oscillator (RF Reference Oscillator)
Fast Start−up and Lowest Power Steady−state XTAL
Oscillator for a Wide Range of Crystals
Integrated Tuning Capacitors
Possibility of Applying an External Clock Reference
(TCXO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com