Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C03JC Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C03JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C03JC Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C03JC Datasheet HTML 32Page - Advanced Micro Devices AM79C03JC Datasheet HTML 33Page - Advanced Micro Devices AM79C03JC Datasheet HTML 34Page - Advanced Micro Devices AM79C03JC Datasheet HTML 35Page - Advanced Micro Devices AM79C03JC Datasheet HTML 36Page - Advanced Micro Devices AM79C03JC Datasheet HTML 37Page - Advanced Micro Devices AM79C03JC Datasheet HTML 38Page - Advanced Micro Devices AM79C03JC Datasheet HTML 39Page - Advanced Micro Devices AM79C03JC Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
Am79C02/03/031(A) Data Sheet
30. Write B Filter Coefficients
(86h)
The Z-transform equation for the B filter is defined as:
The coefficients for the FIR B section and the gain of the IIR B section are defined as:
The feedback coefficient of the IIR B section is defined as:
Warning: Not all B filter coefficients are “valid” to initiate adaptive balance. One valid coefficient is set
as: 2A F2 AF 2A F2 AF 2A F2 AF 2A F2 AF 0A 80, which corresponds to all FIR coefficients
(B0–B7) equal to zero, and the IIR denomination coefficient (B8) equal to 1/2. Other valid
coefficients that may reduce the time to convergence of the algorithm may be obtained by
reading back the registers after adaptive balance has been run (see Command 31).
D7
D6
D5
D4
D3
D2
D1
D0
Command
10000110
Input Data Byte 1
C30
m30
C20
m20
Input Data Byte 2
C10
m10
C31
m31
Input Data Byte 3
C21
m21
C11
m11
Input Data Byte 4
C32
m32
C22
m22
Input Data Byte 5
C12
m12
C33
m33
Input Data Byte 6
C23
m23
C13
m13
Input Data Byte 7
C34
m34
C24
m24
Input Data Byte 8
C14
m14
C35
m35
Input Data Byte 9
C25
m25
C15
m15
Input Data Byte 10
C36
m36
C26
m26
Input Data Byte 11
C16
m16
C37
m37
Input Data Byte 12
C27
m27
C17
m17
Input Data Byte 13
C48
m48
C38
m38
Input Data Byte 14
C28
m28
C18
m18
H
B z
() B
0
B
1z
1
–
B
2z
2
–
B
3z
3
–
B
4z
4
–
B
5z
5
–
B
6z
6
–
B
7z
7
–
1B
8z
1
–
–
-----------------------
+
+++
++
+
=
B
i
Cli
2
m1i
–
•
1C2i
2
m2i
–
1C3i
2
m3i
–
•
+
()
•
+
[]
=
B
8
C18
2
m18
–
•
1C28
2
m28
–
1C38
2
m38
–
•
1C48
2
m48
–
•
+
()
+
[]
•
+
{}
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com