Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C03JC Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM79C03JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C03JC Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM79C03JC Datasheet HTML 36Page - Advanced Micro Devices AM79C03JC Datasheet HTML 37Page - Advanced Micro Devices AM79C03JC Datasheet HTML 38Page - Advanced Micro Devices AM79C03JC Datasheet HTML 39Page - Advanced Micro Devices AM79C03JC Datasheet HTML 40Page - Advanced Micro Devices AM79C03JC Datasheet HTML 41Page - Advanced Micro Devices AM79C03JC Datasheet HTML 42Page - Advanced Micro Devices AM79C03JC Datasheet HTML 43Page - Advanced Micro Devices AM79C03JC Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
40
Am79C02/03/031(A) Data Sheet
39. Read Error Level Threshold
(8Fh)
40. Write GZ Filter Coefficient
(92h)
RSVD
Reserved. Always write as 0, but 0 is not guaranteed when read.
The coefficient, GZ, is defined as:
The default value after any reset is GZ = 0 hex for a gain of 1.
41. Read GZ Filter Coefficient
(93h)
42. Write Adaptive B Filter Control Coefficients
(90h)
The equations for the decorrelation threshold coefficients are:
The equation for the low level signal threshold coefficient is:
The equation for the digital prebalance threshold coefficient is:
D7
D6
D5
D4
D3
D2
D1
D0
Command
10001111
Output Data Byte 1
C20
m20
C10
m10
D7
D6
D5
D4
D3
D2
D1
D0
Command
10010010
Input Data
C10
m10
RSVD
RSVD
RSVD
RSVD
D7
D6
D5
D4
D3
D2
D1
D0
Command
10010011
Output Data
C10
m10
RSVD
RSVD
RSVD
RSVD
New to Revision E
D7
D6
D5
D4
D3
D2
D1
D0
Command
10010000
Input Data
C20
m20
C10
m10
Input Data
C21
m21
C11
m11
Input Data
C32
m32
C22
m22
Input Data
C12
m12
C33
m33
Input Data
C23
m23
C13
m13
GZ
C10
2
m10
–
•
=
DCR1
C10
2
m10
–
•
1C20
2
m20
–
•
+
()
=
DCR2
C11
2
m11
–
•
1C21
2
m21
–
•
+
()
=
LST
C12
2
m12
–
•
1C22
2
m22
–
1C32
2
m32
–
•
+
[]
•
+
()
=
DPB
C13
2
m13
–
•
1C23
2
m23
–
1C33
2
m33
–
•
+
[]
•
+
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com