Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C03JC Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM79C03JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C03JC Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM79C03JC Datasheet HTML 6Page - Advanced Micro Devices AM79C03JC Datasheet HTML 7Page - Advanced Micro Devices AM79C03JC Datasheet HTML 8Page - Advanced Micro Devices AM79C03JC Datasheet HTML 9Page - Advanced Micro Devices AM79C03JC Datasheet HTML 10Page - Advanced Micro Devices AM79C03JC Datasheet HTML 11Page - Advanced Micro Devices AM79C03JC Datasheet HTML 12Page - Advanced Micro Devices AM79C03JC Datasheet HTML 13Page - Advanced Micro Devices AM79C03JC Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
10
Am79C02/03/031(A) Data Sheet
ELECTRICAL CHARACTERISTICS over operating range unless otherwise noted
Typical values are for TA = 25°C and nominal supply voltages. Minimum and maximum specifications are over the
temperature and supply voltage ranges shown in Operating Ranges.
Notes:
1. When the DSLAC device is in the Inactive mode, the analog output presents a 0 V output level through a ~3 k
Ω resistor.
2. The C1–C5 outputs are resistive for less than a 1 V drop. Total current must not exceed absolute maximum ratings.
3. If there is an external DC path from VOUT to VIN with a gain of GDC and the AISN has a gain of hAISN, then the output offset
is multiplied by 1/[1 – (hAISN • GDC)].
4. Power Dissipation in the Inactive mode is measured with all digital inputs at VIH = VCC and VIL = VSS and with no load
connected to VOUT1 or VOUT2.
Symbol
Parameter Descriptions
Min
Typ
Max
Unit
Note
VIL
Input Low voltage
–0.5
0.8
V
VIH
Input High voltage
2.0
VCC
IIL
Input leakage current
±10
µA
VOL
Output Low voltage
C1–C5 (IOL = 6 mA)
C1–C5 (IOL = 15 mA)
TSCA, TSCB (IOL = 14 mA)
Other digital outputs (IOL = 2 mA)
0.4
1.0
0.4
0.4
V
2
2
—
—
VOH
Output High voltage
C1–C5 (IOH = 4 mA)
C1–C5 (IOH = 10 mA)
Other digital outputs (IOH = 400 µA)
VCC – 0.4
VCC – 1.0
2.4
2
2
—
IOL
Output leakage current (HI-Z State)
±10
µA
VIR
Analog input voltage range
(AX = 0 dB)
(AX = 6.02 dB)
±3.12
±1.56
V
VIOS
Offset voltage allowed on VIN
±160
mV
IIL (VIL)
Input leakage current on VIN
±10
µA
ZIN
Analog input impedance
300 Hz to 3400 Hz
5
M
Ω
ZOUT
VOUT output impedance
1
10
Ω
IOUT
VOUT output current (f < 3400 Hz)
±6.3
mA
1
VOR
VOUT voltage range
(AR = 0 dB)
(AR = 6.02 dB)
±3.12
±1.56
V
VOOS
VOUT offset voltage (AISN off)
±40
mV
VOOSA
VOUT offset voltage (AISN on)
±80
3
LINAISN
Linearity of AISN circuity (input = 0 dBm0)
±¼
LSB
PD
Power dissipation
Both channels active
(MCLK, PCLK = 2.048 MHz) 1 channel active
Both channels inactive
180
120
10
240
160
19
mW
—
—
4
PD
Power dissipation
Both channels active
(MCLK, PCLK > 2.048 MHz) 1 channel active
Both channels inactive
190
130
10
270
175
19
—
—
4
ICC
Total +5 V current
Both channels active
1 channel active
Both channels inactive
24.0
18.0
2.5
mA
—
—
4
IEE
Total –5 V current
Both channels active
1 channel active
Both channels inactive
10.0
5.0
0.05
—
—
4
CI
Input capacitance (Digital)
15
pF
CO
Output capacitance (Digital)
15
PSRR
Power supply rejection ratio (1.02 kHz, 100 mVrms,
either supply or path, GX = GR = 0 dB)
40
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com