Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C03JC Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # AM79C03JC
Description  Dual Subscriber Line Audio Processing Circuit (DSLAC) Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C03JC Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button AM79C03JC Datasheet HTML 5Page - Advanced Micro Devices AM79C03JC Datasheet HTML 6Page - Advanced Micro Devices AM79C03JC Datasheet HTML 7Page - Advanced Micro Devices AM79C03JC Datasheet HTML 8Page - Advanced Micro Devices AM79C03JC Datasheet HTML 9Page - Advanced Micro Devices AM79C03JC Datasheet HTML 10Page - Advanced Micro Devices AM79C03JC Datasheet HTML 11Page - Advanced Micro Devices AM79C03JC Datasheet HTML 12Page - Advanced Micro Devices AM79C03JC Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
SLAC Products
9
ABSOLUTE MAXIMUM RATINGS
Storage temperature . . . . . . . . . –60°C
≤ T
A ≤ +125°C
Ambient operating temperature . . –40°C
≤ T
A ≤ +85°C
Ambient relative humidity . . . . . . . . . . . . . 5% to 100%
(noncondensing)
VCCA with respect to AGND . . . . . . . .–0.4 V to +7.0 V
VCCD with respect to DGND. . . . . . . .–0.4 V to +7.0 V
VCCP with respect to PGND . . . . . . . .–0.4 V to +7.0 V
VEE with respect to AGND . . . . . . . . .+0.4 V to –7.0 V
VIN with respect to VCCA. . . . . . . . .+0.4 V to –10.0 V
(VEE = –5 V)
VIN with respect to VEE . . . . . . . . . .–0.4 V to +10.0 V
(VCCA = +5 V)
Other pins with respect to DGND1 . . . . .–0.4 V to VCC
Total combined C1–C5 current per channel:
Source from VCC . . . . . . . . . . . . . . . . . . . . . . . 32 mA
Sink into DGND . . . . . . . . . . . . . . . . . . . . . . . . 24 mA
Latch-up immunity (any pin). . . . . . . . . . . . . . ±30 mA
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Analog supply . . . . . . . . . . . . . . . . . . . . . . +5.0 V ±5%
VCCA1, VCCA2, or VCCA
Digital supply . . . . . . . . . . . . . . . . . . . . . . +5.0 V ±5%
VCCP, VCCD1, VCCD2, or VCCD
Analog supply VEE1, VEE2 . . . . . . . . . . . . –5.0 V ±5%
PGND, DGND1, DGND2, or DGND . . . . . . . . . . . . 0 V
AGND1, AGND2, or AGND . . . . . . . . . . . . . . . ±50 mV
Ambient temperature . . . . . . . . . . . 0°C
≤ T
A ≤ +70°C*
Ambient relative humidity . . . . . . . . . . . . . 15% to 85%
Operating Ranges define those limits between which the
functionality of the device is guaranteed.
* Functionality of the device from 0
°C to +70°C is guaranteed
by production testing. Performance from –40
°C to +85°C is
guaranteed by characterization and periodic sampling of
production units.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com