Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS1644X/FLEX Datasheet(PDF) 23 Page - Analog Devices

Part # ADIS1644X/FLEX
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS1644X/FLEX Datasheet(HTML) 23 Page - Analog Devices

Back Button ADIS1644X/FLEX Datasheet HTML 15Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 16Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 17Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 18Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 19Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 20Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 21Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 22Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
Data Sheet
ADIS16446
Rev. 0 | Page 23 of 23
OUTLINE DIMENSIONS
TOP VIEW
END VIEW
33.40
BSC
30.10
BSC
2.84 BSC
(Pin Height)
5.18 BSC
(PCB to Connector)
19.55 BSC
12.50 BSC
0.66
BSC
2.00 BSC
2.30 BSC
(2 PLCS)
2.30 BSC
(2 PLCS)
1.00
BSC
2.00
BSC
7.57
BSC
10.23
BSC
1.00 BSC
PITCH
20.150
BSC
11.10
10.80
10.50
7.89
7.63
7.37
4.70
4.50
4.30
2.96
2.70
2.44
38.08
37.70
37.32
24.53
24.15
23.77
2.60
Ø2.40
2.20
(4 PLCS)
Figure 24. 20-Lead Module with Connector Interface [MODULE]
(ML-20-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADIS164446BMLZ
−40°C to +105°C
20-Lead Module with Connector Interface [MODULE]
ML-20-3
ADIS16IMU2/PCBZ
ADIS16IMU2/PCBZ Breakout Board
EVAL-ADIS-FX3Z
EVAL-ADIS-FX3 Evaluation System
EVAL-ADIS2Z
EVAL-ADIS2 Previous Generation Evaluation System
ADIS1644X/FLEX
ADIS1644X/FLEX Cable for ADIS1644X IMUs
1 Z = RoHS Compliant Part.
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D25519-2/21(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com