Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS1644X/FLEX Datasheet(PDF) 19 Page - Analog Devices

Part # ADIS1644X/FLEX
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS1644X/FLEX Datasheet(HTML) 19 Page - Analog Devices

Back Button ADIS1644X/FLEX Datasheet HTML 15Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 16Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 17Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 18Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 19Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 20Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 21Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 22Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 23Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Data Sheet
ADIS16446
Rev. 0 | Page 19 of 23
Accelerometer Bias Error Estimation
Under static conditions, orient each accelerometer in positions
where the response to gravity is predictable. A common approach
to this is to measure the response of each accelerometer when
each is oriented in the peak response position, that is, where
±1 g is the ideal measurement position. Next, average the +1 g
and −1 g accelerometer measurements together to estimate the
residual bias error. Note that using more points in the rotation
can improve the accuracy of the response.
Accelerometer Bias Correction Factors
When the bias estimate is complete, multiply the estimate by
−1 to change its polarity, convert it to the digital format for the
offset correction registers (see Table 33, Table 34 or Table 35)
and write the correction factors to the correction registers. For
example, lower the x-axis bias by 12 LSB (10 mg) by setting
XACCL_OFF = 0xFFF4 (DIN = 0xA1FF, 0xA0F4).
Point of Percussion Alignment
Set MSC_CTRL, Bit 6 = 1 (DIN = 0xB446) to enable this feature
and maintain the factory default settings for DIO1. This feature
performs a point of percussion translation to the point identified
in Figure 21. See Table 24 for more information on MSC_CTRL.
ORIGIN ALIGNMENT
REFERENCE POINT
SEE MSC_CTRL, BIT 6.
Figure 21. Point of Percussion Physical Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com