Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS1644X/FLEX Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS1644X/FLEX
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS1644X/FLEX Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS1644X/FLEX Datasheet HTML 12Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 13Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 14Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 15Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 16Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 17Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 18Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 19Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 16 of 23
INPUT AND OUTPUT CONFIGURATION
DATA READY INDICATOR
The data ready indicator provides a signal that indicates
when the registers are updating so that system processors can
avoid data collision, which is a condition when the internal
register updates happen at the same time that an external
processor requests it. The data ready signal has valid and
invalid states. Using the transition from invalid to valid to
trigger an interrupt service routine provides the most time for
data acquisition (before the next register update). See Figure 4
and Table 2 for specific timing information. MSC_CTRL,
Bits[2:0] (see Table 24) provide control bits for enabling this
function, selecting the polarity of the valid state and I/O line
assignment (DIO1 and DIO2). The factory default setting of
MSC_CTRL, Bits[2:0] = 110 (DIN = 0xB406) establishes DIO1
as a data ready output line and assigns the valid state with a
logic high (1). Set MSC_CTRL, Bits[2:0] = 100 (DIN = 0xB404) to
change the polarity of the data ready signal on DIO1 for
interrupt inputs that require negative logic inputs for
activation.
GENERAL-PURPOSE INPUT AND OUTPUT
DIO1, DIO2, DIO3, and DIO4 are configurable, general-purpose
input and output lines that serve multiple purposes. The data
ready controls in MSC_CTRL, Bits[2:0] have the highest
priority for configuring DIO1 and DIO2. The alarm indicator
controls in ALM_CTRL, Bits[2:0] have the second highest priority
for configuring DIO1 and DIO2. The external clock control
associated with SMPL_PRD, Bit 0 has the highest priority for
DIO4 configuration (see Table 28). GPIO_CTRL in Table 27 has
the lowest priority for configuring DIO1, DIO2, and DIO4, and
has absolute control over DIO3.
Table 27. GPIO_CTRL (Base Address = 0x32), Read/Write
Bits
Description (Default = 0x0000)
[15:12]
Not used
11
General-Purpose I/O Line 4 (DIO4) data level
10
General-Purpose I/O Line 3 (DIO3) data level
9
General-Purpose I/O Line 2 (DIO2) data level
8
General-Purpose I/O Line 1 (DIO1) data level
[7:4]
Not used
3
General-Purpose I/O Line 4 (DIO4) direction control
1 = output, 0 = input
2
General-Purpose I/O Line 3 (DIO3) direction control
1 = output, 0 = input
1
General-Purpose I/O Line 2 (DIO2) direction control
1 = output, 0 = input
0
General-Purpose I/O Line 1 (DIO1) direction control
1 = output, 0 = input
Example Input and Output Configuration
For example, set GPIO_CTRL, Bits[3:0] = 0100 (DIN = 0xB204)
to set DIO3 as an output signal pin and DIO1, DIO2, and
DIO4 as input signal pins. Set the output on DIO3 to 1 by
setting GPIO_CTRL, Bit 10 = 1 (DIN = 0xB304). Then, read
GPIO_CTRL, Bits[7:0] (DIN = 0x3200) and mask off
GPIO_CTRL, Bits[9:8] and GPIO_CTRL, Bit 11 to monitor
the digital signal levels on DIO4, DIO2, and DIO1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com