Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADIS1644X/FLEX Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS1644X/FLEX
Description  Compact, Precision Six Degrees of Freedom Inertial Sensor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS1644X/FLEX Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS1644X/FLEX Datasheet HTML 14Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 15Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 16Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 17Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 18Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 19Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 20Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 21Page - Analog Devices ADIS1644X/FLEX Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADIS16446
Data Sheet
Rev. 0 | Page 18 of 23
CALIBRATION
The mechanical structure and assembly process of the ADIS16446
provide excellent position and alignment stability for each sensor,
even after subjected to temperature cycles, shock, vibration, and
other environmental conditions. The factory calibration includes a
dynamic characterization of each gyroscope and accelerometer over
temperature and generates sensor specific correction formulas.
GYROSCOPES
The XGYRO_OFF (see Table 30), YGYRO_OFF (see Table 31),
and ZGYRO_OFF (see Table 32) registers provide an user
programmable bias adjustment function for the x-, y-, and z-axis
gyroscopes, respectively. Figure 20 illustrates that the registers
contain bias correction factors that adjust to the sensor data
immediately before the data loads into the output register.
xGYRO_OFF
xACCL_OFF
MEMS
SENSOR
ADC
FACTORY
CALIBRATION
AND
FILTERING
xGYRO_OUT
xACCL_OUT
Figure 20. User Calibration, Gyroscopes, and Accelerometers
Gyroscope Bias Error Estimation
Any system level calibration function must start with an estimate
of the bias errors, which typically comes from a sample of
gyroscope output data, when the device is not in motion. The
sample size of data depends on the accuracy goals. Figure 7
provides a trade-off relationship between the averaging time
and the expected accuracy of a bias measurement. Vibration,
thermal gradients, and power supply instability can influence
the accuracy of this process.
Table 30. XGYRO_OFF (Base Address = 0x1A), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
X-axis, gyroscope offset correction factor,
twos complement, 0.01°/sec/LSB, 0°/sec = 0x0000
Table 31. YGYRO_OFF (Base Address = 0x1C), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Y-axis, gyroscope offset correction factor,
twos complement, 0.01°/sec/LSB, 0°/sec = 0x0000
Table 32. ZGYRO_OFF (Base Address = 0x1E), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Z-axis, gyroscope offset correction factor,
twos complement, 0.01°/sec/LSB, 0°/sec = 0x0000
Gyroscope Bias Correction Factors
When the bias estimate is complete, multiply the estimate by
−1 to change its polarity, convert it into digital format for the
offset correction registers (see Table 30, Table 31, and Table 32),
and write the correction factors to the correction registers. For
example, lower the x-axis bias by 10 LSB (0.1°/sec) by setting
XGYRO_OFF = 0xFFF6 (DIN = 0x9BFF, 0x9AF6).
Single Command Bias Correction
GLOB_CMD, Bit 0 (see Table 19) loads the xGYRO_OFF registers
with the values that are the opposite of the values that are in
xGYRO_OUT at the time of initiation. Use this command,
together with the decimation filter (SMPL_PRD, Bits[12:8], see
Table 28), to automatically average the gyroscope data and
improve the accuracy of this function, as follows:
1. Set SENS_AVG, Bits[10:8] = 001 (DIN = 0xB901) to
optimize the xGYRO_OUT sensitivity to 0.01°/sec/LSB.
2. Set SMPL_PRD, Bits[12:8] = 10000 (DIN = 0xB710) to set
the decimation rate to 65,536 (216), which provides an
averaging time of 80 seconds (65,536 ÷ 819.2 SPS).
3. Wait for 80 seconds while keeping the device motionless.
4. Set GLOB_CMD, Bit 0 = 1 (DIN = 0xBE01).
5. The ADI16446 automatically updates the flash memory
upon completion of the bias update. The user must wait
the time specified in Table 1 for the flash memory back-up
time, or until the data ready signal starts to toggle again,
whichever is longer.
ACCELEROMETERS
The XACCL_OFF (see Table 33), YACCL_OFF (see Table 34),
and ZACCL_OFF (see Table 35) registers provide user
programmable bias adjustment function for the x-, y-, and z-axis
accelerometers, respectively. These registers adjust the accelerometer
data in the same manner as xGYRO_OFF in Figure 20.
Table 33. XACCL_OFF (Base Address = 0x20), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
X-axis, accelerometer offset correction factor,
twos complement, 1/1200 g/LSB, 0 g = 0x0000
Table 34. YACCL_OFF (Base Address = 0x22), Read/Write
Bits
Description (Default = 0x0000)
[15:14]
Not used
[13:0]
Y-axis, accelerometer offset correction factor,
twos complement, 1/1200 g/LSB, 0 g = 0x0000
Table 35. ZACCL_OFF (Base Address = 0x24), Read/Write
Bits
Description (Default = 0x0000)
[15:14]
Not used
[13:0]
Z-axis, accelerometer offset correction factor,
twos complement, 1/1200 g/LSB, 0 g = 0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com