Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1663U005 Datasheet(PDF) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD1663U005
Description  ESD Protection Diode in 0603
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1663U005 Datasheet(HTML) 3 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1663U005 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
11 Eye Diagram Measurement
HDMI Mask at 3.4 Gbps
USB3.0 Mask at 5.0 Gbps
12 ESD Protection for Signal Line
The PESD is designed for the protection of one bidirectional data line from ESD damage.
Place the PESD as close to the input terminal or connector as possible.
Minimize the path length between the PESD and the protected signal line.
Use ground planes whenever possible.
Signal line to be protected
USB Port
USB 3.0
Host/Controller
Vbus
D-
D+
GND
RX-
RX+
GND
TX-
TX+
PESD1663U005
Rev :
www.leiditech.com
01.06.2015
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com