Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1663U005 Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD1663U005
Description  ESD Protection Diode in 0603
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1663U005 Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1663U005 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
12 Soldering Parameters
Profile Feature
Pb-Free Assembly
Pre Heat
Temperature Min (Tsmin)
Temperature Max (Tsmax)
Time (ts) from (Tsmin to Tsmax)
150 °C
200 °C
60-120 seconds
Ramp-up Rate (TL to Tp)
3 °C/second max.
Liquidus temperature (TL)
Time (tL) maintained above TL
217 °C
60-150 seconds
Peak package body temperature (Tp)
260+0/-5 °C
Time (tp)* within 5 °C of the specified classification
temperature (Tc)
30* seconds
Ramp-down Rate (Tp to TL)
6 °C/second max.
Time 25 °C to peak temperature
8 minutes max.
* Tolerance for peak profile temperature (Tp) is defined as a supplier minimum and a user maximum.
PESD1663U005
Rev :
www.leiditech.com
01.06.2015
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com