Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1663U005 Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD1663U005
Description  ESD Protection Diode in 0603
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1663U005 Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1663U005 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
15 Ordering & Contact Information
Ordering Code
Package
Net Weight
Delivery Form
Delivery
Quantity
PESD1663U005
0603-2
1.0 mg / 1 pce
Mini T&R (7”)
5,000 pcs/reel
PESD1663U005
Shanghai Leiditech Electronic Co.,Ltd
Email: sale1@leiditech.com
Tel : +86- 021 50828806
Fax : +86- 021 50477059
Rev :
www.leiditech.com
01.06.2015
7/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com