Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESD1663U005 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # PESD1663U005
Description  ESD Protection Diode in 0603
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

PESD1663U005 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  PESD1663U005 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd PESD1663U005 Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1 Feature
Ultra-low capacitance:0.05pF(Typ.)
Low leakage current(<10nA)
Fast response time(<1ns)
IEC61000-4-2(Contact) : 8KV
IEC61000-4-2(Air)
: 15KV
Bi-directional, single line protection
3 Application
Smart phone/Mobile internet device
Laptop/Desktop computer
Antennas (Cell Phones, GPS…)
USB 3.0, USB 3.1 and high speed interface
5 Pin Description
6 General Characteristics
7 Electrical Characteristics(TA =25°C)
2 Description
PESD1663U005 polymeric ESD suppressor
help protect sensitive electronic equipment
against electrostatic discharge (ESD) without
distorting data signals. This protection is a
result of its ultra-low capacitance of only 0.05
pF (I/O to GND), and it can be used to help
equipment to pass IEC61000-4-2 level 4 test
(15KV air, 8KV contact discharge).
4 Device Information
Model
Package
Size
PESD1663U005
0603-2
1.60 mm × 0.80 mm × 0.30 mm
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Continuous Operating Voltage
VDC
---
---
---
16
V
Trigger Voltage
VT
IEC61000-4-2 8KV
contact discharge
---
450
---
V
Clamping Voltage
VC
IEC61000-4-2 8KV
contact discharge
---
40
---
V
Leakage Current
IL
DC 18V shall be applied
on component
---
---
10
nA
Capacitance
CP
Measured at 10MHz
---
0.05
---
pF
ESD Pulse Withstand
Pulses
IEC61000-4-2 8KV
contact discharge
1000
---
---
---
Notes: Trigger and clamping voltage are measured per IEC 61000-4-2, 8KV contact discharge method.
Parameter
Value
Unit
Contact Discharge Voltage Per IEC61000-4-2
8
KV
Air Discharge Voltage Per IEC61000-4-2
15
KV
Operating Temperature
-55 to +125
Storage Temperature
-40 to +85
PESD1663U005
ESD Protection Diode in 0603
Rev :
www.leiditech.com
01.06.2015
1/7


Similar Part No. - PESD1663U005

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
PESD1621U005 LEIDITECH-PESD1621U005 Datasheet
1Mb / 5P
Ultal Low Capacitance ESD Protection Diode in 0201
PESD1642L100 LEIDITECH-PESD1642L100 Datasheet
941Kb / 5P
Varistor voltage In = 1 mA DC
PESD1642U005 LEIDITECH-PESD1642U005 Datasheet
1Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0402
logo
Nexperia B.V. All right...
PESD16VV1BSF NEXPERIA-PESD16VV1BSF Datasheet
195Kb / 10P
Extremely symmetrical bidirectional ESD protection diode
3 March 2021
PESD16VV1BSF NEXPERIA-PESD16VV1BSF Datasheet
176Kb / 11P
Extremely symmetrical bidirectional ESD protection diode
20 April 2018
More results

Similar Description - PESD1663U005

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VESD05A1-02V VISHAY-VESD05A1-02V Datasheet
125Kb / 6P
ESD Protection Diode in SOD523
04-Apr-05
VESD05A1-02V VISHAY-VESD05A1-02V_08 Datasheet
120Kb / 7P
ESD-Protection Diode in SOD523
27-Oct-08
logo
Shanghai Leiditech Elec...
PESD0563U005 LEIDITECH-PESD0563U005 Datasheet
1Mb / 7P
ESD Protection Diode in 0603
PESD1463U005 LEIDITECH-PESD1463U005 Datasheet
612Kb / 3P
Ultal Low Capacitance ESD Protection Diode in 0603
PESD1563U005 LEIDITECH-PESD1563U005 Datasheet
662Kb / 3P
Ultal Low Capacitance ESD Protection Diode in 0603
PESD1863L100 LEIDITECH-PESD1863L100 Datasheet
1Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0603
PESD1863U005 LEIDITECH-PESD1863U005 Datasheet
1Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0603
PESD2463U005 LEIDITECH-PESD2463U005 Datasheet
1Mb / 7P
ESD Protection Diode in 0603
PESD3363U005 LEIDITECH-PESD3363U005 Datasheet
1Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0603
PESD0363U005 LEIDITECH-PESD0363U005 Datasheet
1Mb / 3P
Ultal Low Capacitance ESD Protection Diode in 0603
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com