Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXT Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M2EXT
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXT Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M2EXT Datasheet HTML 1Page - M-System Co.,Ltd. M2EXT Datasheet HTML 2Page - M-System Co.,Ltd. M2EXT Datasheet HTML 3Page - M-System Co.,Ltd. M2EXT Datasheet HTML 4Page - M-System Co.,Ltd. M2EXT Datasheet HTML 5Page - M-System Co.,Ltd. M2EXT Datasheet HTML 6Page - M-System Co.,Ltd. M2EXT Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: M2EXT
M2EXT SPECIFICATIONS
ES-5145 Rev.3 Page 3/7
http://www.m-system.co.jp/
CALCULATION EXAMPLES OF OVERALL ACCURACY
[Example] Input Range K thermocouple, 0 – 1000°C, Output Range 0 – 20 mA, Output Setting 4 – 20 mA
■ Overall accuracy
• Input Accuracy
1) Absolute value accuracy (Table 1): 1.00°C
2) CJC error (0.5°C) added: 1.50°C
3) 1.50°C ÷ 1000°C × 100 = 0.15 %
4) 0.15 % > 0.1 % of span. ➠ 0.15 % is selected.
• Output Accuracy = Output Range Span (20 mA) ÷ Output Span Setting (16 mA) × 0.04 % = 0.05 %
Overall Accuracy = 0.15 + 0.05 = ±0.20 %
[Table 1]
INPUT RANGE
°C
MINIMUM SPAN
SETTING RANGE
ACCURACY
CONFORMANCE RANGE
(PR)
20
0 to
1760
±2.00
0 to
1760
K (CA)
20
-270 to +1370
±1.00
-150 to +1370
E (CRC)
20
-270 to +1000
±1.00
-170 to +1000
J (IC)
20
-210 to +1200
±1.00
-180 to +1200
T (CC)
20
-270 to
+400
±1.00
-170 to
+400
B (RH)
20
0 to
1820
±2.00
400 to
1760
R
20
-50 to +1760
±2.00
200 to
1760
S
20
-50 to +1760
±2.00
0 to
1760
C (WRe 5-26)
20
0 to
2315
±2.00
0 to
2315
N
20
-270 to +1300
±1.00
-130 to +1300
U
20
-200 to
+600
±1.00
-200 to
+600
L
20
-200 to
+900
±1.00
-200 to
+900
P (Platinel II)
20
0 to
1395
±1.00
0 to
1395
INPUT RANGE
°F
MINIMUM SPAN
SETTING RANGE
ACCURACY
CONFORMANCE RANGE
(PR)
36
32 to
3200
±3.60
32 to
3200
K (CA)
36
-454 to +2498
±1.80
-238 to +2498
E (CRC)
36
-454 to +1832
±1.80
-274 to +1832
J (IC)
36
-346 to +2192
±1.80
-292 to +2192
T (CC)
36
-454 to
+752
±1.80
-274 to
+752
B (RH)
36
32 to
3308
±3.60
752 to
3200
R
36
-58 to +3200
±3.60
392 to
3200
S
36
-58 to +3200
±3.60
32 to
3200
C (WRe 5-26)
36
32 to
4199
±3.60
32 to
4199
N
36
-454 to +2372
±1.80
-202 to +2372
U
36
-328 to +1112
±1.80
-328 to +1112
L
36
-328 to +1652
±1.80
-328 to +1652
P (Platinel II)
36
32 to
2543
±1.80
32 to
2543
INPUT RANGE
K
MINIMUM SPAN
SETTING RANGE
ACCURACY
CONFORMANCE RANGE
(PR)
20
273.15 to 2033.15
±2.00
273.15 to 2033.15
K (CA)
20
3.15 to 1643.15
±1.00
123.15 to 1643.15
E (CRC)
20
3.15 to 1273.15
±1.00
103.15 to 1273.15
J (IC)
20
63.15 to 1473.15
±1.00
93.15 to 1473.15
T (CC)
20
3.15 to
673.15
±1.00
103.15 to
673.15
B (RH)
20
273.15 to 2093.15
±2.00
673.15 to 2033.15
R
20
223.15 to 2033.15
±2.00
473.15 to 2033.15
S
20
223.15 to 2033.15
±2.00
273.15 to 2033.15
C (WRe 5-26)
20
273.15 to 2588.15
±2.00
273.15 to 2588.15
N
20
3.15 to 1573.15
±1.00
143.15 to 1573.15
U
20
73.15 to
873.15
±1.00
73.15 to
873.15
L
20
73.15 to 1173.15
±1.00
73.15 to 1173.15
P (Platinel II)
20
273.15 to 1668.15
±1.00
273.15 to 1668.15



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com