Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXT Datasheet(PDF) 6 Page - M-System Co.,Ltd.

Part # M2EXT
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXT Datasheet(HTML) 6 Page - M-System Co.,Ltd.

  M2EXT Datasheet HTML 1Page - M-System Co.,Ltd. M2EXT Datasheet HTML 2Page - M-System Co.,Ltd. M2EXT Datasheet HTML 3Page - M-System Co.,Ltd. M2EXT Datasheet HTML 4Page - M-System Co.,Ltd. M2EXT Datasheet HTML 5Page - M-System Co.,Ltd. M2EXT Datasheet HTML 6Page - M-System Co.,Ltd. M2EXT Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MODEL: M2EXT
M2EXT SPECIFICATIONS
ES-5145 Rev.3 Page 6/7
http://www.m-system.co.jp/
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Option
51
Burnout
None / Down / Up
Up
61
Unit (OUT Scaling)
Choose from 68 types*
%
64
Temperature unit
°C / °F / K
°C
65
Cold junction compensation
CJM / FXD TEMP
CJM
66
Preset xed terminal temperature
-50.00 – 100.00
°C
0.00
67
Filter time constant
0 – 30
sec.
0
69
Input Zero ne adjust
-10.00 – 10.00
°C
0.00
70
Input Span ne adjust
-10.00 – 10.00
°C
0.00
71
Output Zero ne adjust
-5.000 – 5.000
%
0.000
72
Output Span ne adjust
95.000 – 105.000
%
100.000
01
Lockout setting
Lock / Unlock
Lock
Advanced
90
Display setting
Upper: choose from 5 types*
Lower: choose from 6 types*
Upper: INPUT
Lower: PERCENT
91
Brightness
1 (darkest) – 4 (brightest)
4
92
Display timeout
0 (always on), 1 – 60
min.
10
93
Reset all settings
OFF / RESET
OFF
94
Version indication
01
Lockout setting
Lock / Unlock
Lock
* For detailed types, refer to the operating manual (EM-5145-B).
EXTERNAL DIMENSIONS unit: mm (inch)
29 (1.14)
94 (3.70)
8
(.31)
124 (4.88)
22 (.87)
6 (.23)
11–M3
SCREW
29.5 (1.16)
2–4.2x5
(.17x.20)
MTG HOLE
6 (.24) deep
DIN RAIL
35mm wide
[4 (.16)]
• When mounting, no extra space is needed between units.
4
8 7
10
11
5
6
1
2
3
9
TERMINAL ASSIGNMENTS
1
6
8 7
10
11
3
9
4
2
1
5
CJC SENSOR
(model: CJM)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com