Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXT Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M2EXT
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXT Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M2EXT Datasheet HTML 1Page - M-System Co.,Ltd. M2EXT Datasheet HTML 2Page - M-System Co.,Ltd. M2EXT Datasheet HTML 3Page - M-System Co.,Ltd. M2EXT Datasheet HTML 4Page - M-System Co.,Ltd. M2EXT Datasheet HTML 5Page - M-System Co.,Ltd. M2EXT Datasheet HTML 6Page - M-System Co.,Ltd. M2EXT Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MODEL: M2EXT
M2EXT SPECIFICATIONS
ES-5145 Rev.3 Page 2/7
http://www.m-system.co.jp/
(Set to "None" at item [51] Burnout, when the unit is
connected with another instrument in parallel.)
Linearization: Standard
Cold junction compensation: CJC sensor attached to the
input terminals
Output setting: DIP Switch on side panel (refer to the
instruction manual)
Configuration: Program with front buttons or Via PC.
Programmable features include: Refer to the parameter list.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
DISPLAY
Display functions: Displays and sets measured range,
engineering unit
Display size: Approx. 15.6 × 20.8 mm (0.61” × 0.82”)
Number of pixels: 68 × 95 (horizontal × vertical)
Character color: Yellow
Display life: Approx. 60000 hours
(Expected time for the Display brightness to be reduced to
50 % when the Display is used continuously with brightness
setting 2 in 25 ℃)
Display type: OEL display
Display digit: Negative 5 digits, positive 6 digits (-99999 to
999999)
Decimal point position:
· Input display: None, number of decimal places 1 or 2
· Output display: Settable arbitrarily
INPUT SPECIFICATIONS
Input resistance: 1 MΩ min.
Burnout sensing: ≤ 0.2 μA
Measurement rang: -5 to +105% of input setting value
Refer to the operating manual (EM-5145-B) for changing
input range, setting value.
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 22mA DC
Minimum span: 1 mA
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 15 V max.
(Not available to output less than 0 mA, output range may
not be extended to -10 %)
■ DC Voltage
Output range: -5 - +5 V DC, -10 - +10 V DC
Conformance range: -6.0 - +6.0 V DC, -12 - +12 V DC
Minimum span: 250 mV, 1 V
Offset: Lower range can be any specific value within the
output range provided that the minimum span is
maintained.
Load resistance: Output drive 1 mA max.
INSTALLATION
Power Consumption
•AC:
Max. 4.5 VA at 100 V
Max. 6.5 VA at 200 V
Max. 8.5 VA at 264 V
•DC: Max. 2.3 W
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: Approx. 200 g (0.44 lb)
PERFORMANCE
Accuracy: Input accuracy + output accuracy
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Inversely proportional to the setting span.
Except the accuracy of input resistor.
Input accuracy: [Table 1 Accuracy value + Cold Junction
Compensation Error 0.5°C (0.9°F)] or ±0.1 % of span,
whichever is greater.
Display accuracy:
Input display: Input accuracy ±1 digit
Output display: Input accuracy + output accuracy ±1 digit
Output accuracy: ±0.04 % of max. output range
Cold junction compensation error:
±0.5°C at 25 ±10°C
±0.9°F at 77 ±18°F
(The described accuracy may be partially not
satisfied when the input temperature is below 0°C. Consult
factory.)
Temp. coefficient (% of max. I/O range): ±0.015 %/°C
(±0.008 %/°F)
Input resolution: Max. 20 bits
Output resolution: Max. 16 bits
Response time (filter time constant: 0 sec.): ≤ 0.5 sec.
(0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 2000 V AC @1 minute (input to output
to power to ground)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com