Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M2EXT Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M2EXT
Description  Super-mini Signal Conditioners with Display Mini-M M2E Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M2EXT Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M2EXT Datasheet HTML 1Page - M-System Co.,Ltd. M2EXT Datasheet HTML 2Page - M-System Co.,Ltd. M2EXT Datasheet HTML 3Page - M-System Co.,Ltd. M2EXT Datasheet HTML 4Page - M-System Co.,Ltd. M2EXT Datasheet HTML 5Page - M-System Co.,Ltd. M2EXT Datasheet HTML 6Page - M-System Co.,Ltd. M2EXT Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MODEL: M2EXT
M2EXT SPECIFICATIONS
ES-5145 Rev.3 Page 1/7
http://www.m-system.co.jp/
Super-mini Signal Conditioners with
Display Mini-M M2E Series
THERMOCOUPLE TRANSMITTER
(PC programmable)
Functions & Features
• Accepts direct input from a thermocouple and provides a
linearized process signal
• Adjustments with the front button
• Wide selection of thermocouples
• OEL display with good visibility
Typical Applications
• Small burnout sensing current enables long distance
transmission with minimum offset drifts
• Electric furnace (isolation)
• No burnout type can connect to a single T/C in parallel
with a recorder
mm (inch)
Mode
Set
Up
Down
83
(3.27)
124
(4.88)
29.5
(1.16)
MODEL: M2EXT–[1][2]
ORDERING INFORMATION
• Code number: M2EXT-[1][2]
Specify a code from below for each [1] and [2].
(e.g. M2EXT-M2/Q)
• Specify the specification for option code /Q
(e.g. /C01/S01/SET)
INPUT – Field-selectable
Thermocouple
(PR), K (CA), E (CRC), J (IC), T (CC), B (RH), R, S, C (WRe 5-26),
N, U, L, P (Platinel II)
OUTPUT – Field-selectable
◆ DC Output
• Current output: 0 - 20 mA DC
• Voltage output: -5 - +5 V DC
• Voltage output: -10 - +10 V DC
[1] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 66 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
P: 110 V DC
(Operational voltage range 85 – 150 V, ripple 10 %p-p max.)
[2] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
EX-FACTORY SETTING
/SET: Preset according to the Ordering Information Sheet
(No. ESU-5145)
RELATED PRODUCTS
• M2E configurator software (model: M2ECFG)
Downloadable at M-System’s web site.
A dedicated cable is required to connect the module to the
PC. Please refer to the internet software download site or
the users manual (EM-5147) for the M2E configurator for
applicable cable types.
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to output to power
Overrange output: Approx. -10 to +110 % (Not available for
current output not greater than 0 mA)
Input zero fine adj. range: -10 to +10℃ (front button)
Input span fine adj. range: -10 to +10℃ (front button)
Output zero fine adj. range: -5 to +5% (front button)
Output span fine adj. range: 95 to 105% (front button)
Burnout protection: Upscale standard; downscale or no
burnout optional by programming


Similar Part No. - M2EXT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2EXDY MSYSTEM-M2EXDY Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-M2 MSYSTEM-M2EXDY-M2 Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-M2/Q MSYSTEM-M2EXDY-M2/Q Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-P MSYSTEM-M2EXDY-P Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY-P/Q MSYSTEM-M2EXDY-P/Q Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
More results

Similar Description - M2EXT

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M2EXS MSYSTEM-M2EXS Datasheet
146Kb / 5P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXR MSYSTEM-M2EXR Datasheet
155Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXM MSYSTEM-M2EXM Datasheet
144Kb / 5P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EXDY MSYSTEM-M2EXDY Datasheet
160Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXV MSYSTEM-M2EAXV Datasheet
165Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXT MSYSTEM-M2EAXT Datasheet
195Kb / 8P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXS MSYSTEM-M2EAXS Datasheet
165Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXR MSYSTEM-M2EAXR Datasheet
190Kb / 7P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXM MSYSTEM-M2EAXM Datasheet
164Kb / 6P
Super-mini Signal Conditioners with Display Mini-M M2E Series
M2EAXDY MSYSTEM-M2EAXDY Datasheet
180Kb / 7P
Super-mini Signal Conditioners with Display Mini-M M2E Series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com