Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH4530L Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PH4530L
Description  N-channel TrenchMOS logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH4530L Datasheet(HTML) 5 Page - NXP Semiconductors

  PH4530L Datasheet HTML 1Page - NXP Semiconductors PH4530L Datasheet HTML 2Page - NXP Semiconductors PH4530L Datasheet HTML 3Page - NXP Semiconductors PH4530L Datasheet HTML 4Page - NXP Semiconductors PH4530L Datasheet HTML 5Page - NXP Semiconductors PH4530L Datasheet HTML 6Page - NXP Semiconductors PH4530L Datasheet HTML 7Page - NXP Semiconductors PH4530L Datasheet HTML 8Page - NXP Semiconductors PH4530L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
9397 750 14031
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2005
5 of 12
Philips Semiconductors
PH4530L
N-channel TrenchMOS™ logic level FET
6.
Characteristics
Table 5:
Characteristics
Tj =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source breakdown voltage
ID = 250 µA; VGS = 0 V
30
--V
VGS(th)
gate-source threshold voltage
ID = 1 mA; VDS =VGS; Figure 9
1
1.5
2
V
IDSS
drain-source leakage current
VDS =30V; VGS =0V
Tj =25 °C
-
0.06
1
µA
Tj = 150 °C
-
-
500
µA
IGSS
gate-source leakage current
VGS = ±15 V; VDS = 0 V
-
2
100
nA
RDSon
drain-source on-state resistance
VGS = 10 V; ID =15A; Figure 7 and 8
Tj =25 °C
-
4.8
5.7
m
Ω
Tj = 150 °C
-
8.2
9.7
m
Ω
VGS =5V; ID =15A; Figure 7 and 8
-
5.8
7.2
m
Ω
Dynamic characteristics
Qg(tot)
total gate charge
ID = 25 A; VDS =10V; VGS =5V;
Figure 13
-
23.5
-
nC
Qgs
gate-source charge
-
5.8
-
nC
Qgd
gate-drain (Miller) charge
-
6.5
-
nC
Ciss
input capacitance
VGS =0V; VDS = 10 V; f = 1 MHz;
Figure 11
-1972
-pF
Coss
output capacitance
-
769
-
pF
Crss
reverse transfer capacitance
-
304
-
pF
td(on)
turn-on delay time
VDS =10V; ID = 25 A;
VGS =5V; RG = 4.7 Ω
-22
-
ns
tr
rise time
-40
-
ns
td(off)
turn-off delay time
-
48
-
ns
tf
fall time
-18
-
ns
Source-drain diode
VSD
source-drain (diode forward) voltage IS = 15 A; VGS =0V; Figure 12
-
0.85
1.2
V
trr
reverse recovery time
IS = 20 A; dIS/dt = −100 A/µs; VGS =0V
-
38
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com