Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH4530L Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PH4530L
Description  N-channel TrenchMOS logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH4530L Datasheet(HTML) 1 Page - NXP Semiconductors

  PH4530L Datasheet HTML 1Page - NXP Semiconductors PH4530L Datasheet HTML 2Page - NXP Semiconductors PH4530L Datasheet HTML 3Page - NXP Semiconductors PH4530L Datasheet HTML 4Page - NXP Semiconductors PH4530L Datasheet HTML 5Page - NXP Semiconductors PH4530L Datasheet HTML 6Page - NXP Semiconductors PH4530L Datasheet HTML 7Page - NXP Semiconductors PH4530L Datasheet HTML 8Page - NXP Semiconductors PH4530L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
Logic level N-channel enhancement mode field effect transistor in a plastic package using
TrenchMOS™ technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
PH4530L
N-channel TrenchMOS™ logic level FET
Rev. 02 — 26 January 2005
Product data sheet
s Low thermal resistance
s SO8 equivalent area footprint
s Logic level gate drive
s Low on-state resistance.
s DC-to-DC converters
s Switched-mode power supplies
s Portable appliances
s Notebook computers.
s VDS ≤ 30 V
s ID ≤ 80 A
s Ptot ≤ 62.5 W
s RDSon ≤ 5.7 mΩ.
Table 1:
Discrete pinning
Pin
Description
Simplified outline
Symbol
1,2,3
source
SOT669 (LFPAK)
4
gate
mb
mounting base;
connected to drain
1
Top view
23
mb
4
S
D
G
mbb076


Similar Part No. - PH4530L

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
PH4-P EXTECH-PH4-P Datasheet
404Kb / 1P
PH90 Waterproof pH Meter
Rev. 11/7/16
logo
Nihon Inter Electronics...
PH40016 NIEC-PH40016 Datasheet
266Kb / 2P
DIODE 400A Avg 1600 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
DIODE 400A Avg 800 Volts
PH400N16 NIEC-PH400N16 Datasheet
287Kb / 2P
DIODE 400A Avg 1600 Volts
logo
Kyocera Kinseki Corpota...
PH400N16 KSS-PH400N16 Datasheet
351Kb / 2P
Diode
More results

Similar Description - PH4530L

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP152NQ03LTA PHILIPS-PHP152NQ03LTA Datasheet
83Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 01-05 March 2004
PHP110NQ06LT PHILIPS-PHP110NQ06LT Datasheet
94Kb / 13P
N-channel TrenchMOS logic level FET
Rev. 01-04 May 2004
BUK961R5-30E NXP-BUK961R5-30E Datasheet
216Kb / 14P
N-channel TrenchMOS logic level FET
5 October 2012
logo
Nexperia B.V. All right...
BUK9E2R8-60E NEXPERIA-BUK9E2R8-60E Datasheet
334Kb / 14P
N-channel TrenchMOS logic level FET
BUK9E4R9-60E NEXPERIA-BUK9E4R9-60E Datasheet
331Kb / 13P
N-channel TrenchMOS logic level FET
BUK951R6-30E NEXPERIA-BUK951R6-30E Datasheet
342Kb / 14P
N-channel TrenchMOS logic level FET
BUK952R3-40E NEXPERIA-BUK952R3-40E Datasheet
337Kb / 14P
N-channel TrenchMOS logic level FET
BUK954R4-80E NEXPERIA-BUK954R4-80E Datasheet
338Kb / 14P
N-channel TrenchMOS logic level FET
BUK961R7-40E NEXPERIA-BUK961R7-40E Datasheet
334Kb / 14P
N-channel TrenchMOS logic level FET
BUK962R8-60E NEXPERIA-BUK962R8-60E Datasheet
723Kb / 13P
N-channel TrenchMOS logic level FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com