Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH4530L Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PH4530L
Description  N-channel TrenchMOS logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH4530L Datasheet(HTML) 2 Page - NXP Semiconductors

  PH4530L Datasheet HTML 1Page - NXP Semiconductors PH4530L Datasheet HTML 2Page - NXP Semiconductors PH4530L Datasheet HTML 3Page - NXP Semiconductors PH4530L Datasheet HTML 4Page - NXP Semiconductors PH4530L Datasheet HTML 5Page - NXP Semiconductors PH4530L Datasheet HTML 6Page - NXP Semiconductors PH4530L Datasheet HTML 7Page - NXP Semiconductors PH4530L Datasheet HTML 8Page - NXP Semiconductors PH4530L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
9397 750 14031
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2005
2 of 12
Philips Semiconductors
PH4530L
N-channel TrenchMOS™ logic level FET
3.
Ordering information
4.
Limiting values
Table 2:
Ordering information
Type number
Package
Name
Description
Version
PH4530L
LFPAK
plastic single-ended surface mounted package (LFPAK); 4 leads
SOT669
Table 3:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage (DC)
25
°C ≤ T
j ≤ 150 °C
-
30
V
VGS
gate-source voltage (DC)
-
±20
V
ID
drain current (DC)
Tmb =25 °C; VGS =10V; Figure 2 and 3
-80
A
Tmb = 100 °C; VGS =10V; Figure 2
-
240
A
IDM
peak drain current
Tmb =25 °C; pulsed; tp ≤ 10 µs; Figure 3
-
50.7
A
Ptot
total power dissipation
Tmb =25 °C; Figure 1
-
62.5
W
Tstg
storage temperature
−55
+150
°C
Tj
junction temperature
−55
+150
°C
Source-drain diode
IS
source (diode forward) current (DC)
Tmb =25 °C
-
52
A
ISM
peak source (diode forward) current Tmb =25 °C; pulsed; tp ≤ 10 µs
-
150
A
Avalanche ruggedness
EDS(AL)S non-repetitive drain-source
avalanche energy
unclamped inductive load; ID = 36.2 A;
tp = 0.24 ms; VDD ≤ 30 V; VGS =10V;
starting Tj =25 °C
-
130
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com