Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PH4530L Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PH4530L
Description  N-channel TrenchMOS logic level FET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PH4530L Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PH4530L Datasheet HTML 2Page - NXP Semiconductors PH4530L Datasheet HTML 3Page - NXP Semiconductors PH4530L Datasheet HTML 4Page - NXP Semiconductors PH4530L Datasheet HTML 5Page - NXP Semiconductors PH4530L Datasheet HTML 6Page - NXP Semiconductors PH4530L Datasheet HTML 7Page - NXP Semiconductors PH4530L Datasheet HTML 8Page - NXP Semiconductors PH4530L Datasheet HTML 9Page - NXP Semiconductors PH4530L Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
9397 750 14031
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 02 — 26 January 2005
6 of 12
Philips Semiconductors
PH4530L
N-channel TrenchMOS™ logic level FET
Tj =25 °CTj =25 °C and 150 °C; VDS > ID xRDSon
Fig 5.
Output characteristics: drain current as a
function of drain-source voltage; typical values.
Fig 6.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values.
Tj =25 °C
Fig 7.
Drain-source on-state resistance as a function
of drain current; typical values.
Fig 8.
Normalized drain-source on-state resistance
factor as a function of junction temperature.
003aaa527
0
10
20
30
40
0
0.5
1
1.5
2
VDS (V)
ID
(A)
2.4
2.2
2.5
2.6
2.7
2.8
3
5
10
VGS (V) = 2.9
003aaa528
0
10
20
30
40
012
34
VGS (V)
ID
(A)
Tj = 150
°C
25
°C
003aaa529
0
5
10
15
20
0
1020
3040
ID (A)
RDSon
(m
Ω)
10
5
2.9
3
2.6
2.7
2.8
VGS (V) = 3.5
03al00
0
0.6
1.2
1.8
-60
0
60
120
180
a
Tj (°C)
a
R
DSon
R
DSon 25 C
°
()
-----------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com