Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1894 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button SC1894 Datasheet HTML 5Page - Maxim Integrated Products SC1894 Datasheet HTML 6Page - Maxim Integrated Products SC1894 Datasheet HTML 7Page - Maxim Integrated Products SC1894 Datasheet HTML 8Page - Maxim Integrated Products SC1894 Datasheet HTML 9Page - Maxim Integrated Products SC1894 Datasheet HTML 10Page - Maxim Integrated Products SC1894 Datasheet HTML 11Page - Maxim Integrated Products SC1894 Datasheet HTML 12Page - Maxim Integrated Products SC1894 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Operation at +25°C, AVDD18 = 1.8V, AVDD33 = 3.3V, and DVDD18 = 1.8V, unless otherwise specified. Min/Max values are at -40°C
< Tcase < +105°C, unless otherwise noted.
RF Power Measurement Unit (PMU) (continued)
PARAMETER
SYMBOL
CONDITIONS (Notes 23, 24)
MIN
TYP
MAX
UNITS
RFIN_BLN Log Intercept
µRFINIntercept
Linear regression between -4
and -34dBm
0
dBm
RFFB_BLN Log Intercept
µRFFBIntercept
Linear regression between -12
and -42dBm
0
dBm
RFIN_BLN
Log Intercept Variation
σRFINIntercept
Linear regression between -4 and
-34dBm, 100 readings of single IC
±0.12
dB
RFFB_BLN
Log Intercept Variation
σRFFBIntercept
Linear regression between -12 and
-42dBm, 100 readings of single IC
±0.12
dB
RFIN_BLN Error as Referred
to Best-Fit Line (Notes 25, 26)
PRFIN_
FITERROR
-4 to -34dBm
-34 to -44dBm
-0.30
-2
+0.30
+2
dB
dB
RFFB_BLN Error as Referred
to Best-Fit Line (Notes 25, 26)
PRFFB_
FITERROR
-12 to -42dBm
-42 to -52dBm
-0.30
-2
+0.30
+2
dB
dB
RFIN_BLN, RFFB_BLN
Deviation from 2-Tone CW
Response (Note 27)
6.5 dB PAR (WCDMA 1 carrier)
10 dB PAR (WCDMA 1 carrier)
10 dB PAR (LTE 20 carrier)
±0.1
±0.1
±0.1
dB
dB
dB
RFIN_BLN Deviation vs.
Temperature (Notes 25, 27)
PRFINTEMP_
DEV
Deviation from output at 25°C, −40°C
< Tcase < +105°C,
-4 to -34dBm, at 1800MHz
-34 to -44dBm, at 1800MHz
-4 to -34dBm, at 2500MHz
-34 to -44dBm, at 2500MHz
-0.55
-2
-0.7
-2
±0.1
±0.5
±0.1
±0.5
+0.55
+2
+0.7
+2
dB
dB
dB
dB
RFFB_BLN Deviation vs.
Temperature (Notes 25, 27)
PRFFBTEMP_
DEV
Deviation from output at +25°C,
−40°C < Tcase < +105°C,
-12 to -42dBm, at 1800MHz
-42 to -52dBm, at 1800MHz
-12 to -42dBm, at 2500MHz
-42 to -52dBm, at 2500MHz
-0.4
-2
-0.5
-2
±0.1
±0.5
±0.1
±0.5
+0.4
+2
+0.5
+2
dB
dB
dB
dB
RFIN_BLN Deviation vs.
Supply Voltage
PRFINVDD18
_DEV
PRFINVDD33
_DEV
1.7V < AVDD18 < 1.9V
3.1V < AVDD33 < 3.5V
+0.7
-0.5
dB/V
dB/V
RFFB_BLN Deviation vs.
Supply Voltage
PRFFBVDD18
_DEV
PRFFBVDD33
_DEV
1.7V < AVDD18 < 1.9V
3.1V < AVDD33 < 3.5V
+0.7
-0.5
dB/V
dB/V
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 9
RF Power Measurement Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com