Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1894 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 3 Page - Maxim Integrated Products

  SC1894 Datasheet HTML 1Page - Maxim Integrated Products SC1894 Datasheet HTML 2Page - Maxim Integrated Products SC1894 Datasheet HTML 3Page - Maxim Integrated Products SC1894 Datasheet HTML 4Page - Maxim Integrated Products SC1894 Datasheet HTML 5Page - Maxim Integrated Products SC1894 Datasheet HTML 6Page - Maxim Integrated Products SC1894 Datasheet HTML 7Page - Maxim Integrated Products SC1894 Datasheet HTML 8Page - Maxim Integrated Products SC1894 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
PA
BALUN
RFIN
RFINP
RFFBN
RFOUTP
INPUT COUPLER
RFPAL
CORRECTION
COUPLER
FEEDBACK COUPLER
ANTENNA
FILTER/DUPLEXER
CRYSTAL
OSCILLATOR
REGULATOR
1.8V
3.3V
SPI
SUPPLY
SERIAL INTERFACE
RFINN
RFOUTN
RFFBP
XTALI
XTALO
DELAY
(0 – 4NS)
CPLOUT
CPLIN
ATTENUATOR
BALUN
BALUN
TO RECEIVER
RFFB
RFOUT
UP
CONVERT
DOWN CONVERT
LO
IF INPUT
225MHz–3.8GHz
BALUN
RFINP
RFFBN
INPUT COUPLER
SC1894
CORRECTION
COUPLER
FEEDBACK COUPLER
ANTENNA
CIRCULATOR / FILTER /
DUPLEXER
REGULATOR
1.8V
3.3V
SUPPLY
SERIAL INTERFACE
RFINN
RFFBP
XTALI
XTALO
DELAY
CPLOUT
CPLIN
ATTENUATOR
BALUN
RECEIVER
RFFB
SPI
RFOUT
RFIN
NO DELAY TO 6NS
OPTIONAL DIGITAL
I/OS
DI/O
RFOUTP
RFOUTN
EXT. CLOCK
PA
VDD
BALUN
OPTIONAL CRYSTAL
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 3
Application Block Diagram
Microwave Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com