Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1894 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button SC1894 Datasheet HTML 10Page - Maxim Integrated Products SC1894 Datasheet HTML 11Page - Maxim Integrated Products SC1894 Datasheet HTML 12Page - Maxim Integrated Products SC1894 Datasheet HTML 13Page - Maxim Integrated Products SC1894 Datasheet HTML 14Page - Maxim Integrated Products SC1894 Datasheet HTML 15Page - Maxim Integrated Products SC1894 Datasheet HTML 16Page - Maxim Integrated Products SC1894 Datasheet HTML 17Page - Maxim Integrated Products SC1894 Datasheet HTML 18Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
PIN
NAME
TYPE
FUNCTION
1
DVDD18
Supply
+1.8V DC Supply Voltage for digital circuits.
2
MGPOUT0
Analog Out
Do not connect. Reserved for internal use.
3
MGPOUT1
Analog Out
Do not connect. Reserved for internal use.
4
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
5
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
6
GND
Supply
Ground.
7
GND
RF Shield
Ground for shield of RF signal.
8
RFOUTP
Analog Out
RF Output Signal, differential output. See S-parameters for complex
impedance values.
9
RFOUTN
10
GND
RF Shield
Ground for shield of RF signal.
11
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
12
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
13
MGPOUT2
Analog Out
Do not connect. Reserved for internal use.
14
MGPOUT3
Analog Out
Do not connect. Reserved for internal use.
15
GND
Supply
Ground.
16
BGRES
Analog In
Bandgap Resistor.
17
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
18
GND
RF Shield
Ground for shield of RF signal.
19
RFINP
Analog In
RF Input Signal, differential input. See S-parameters for complex impedance
values.
20
RFINN
Analog In
21
GND
RF Shield
Ground for shield of RF signal.
22
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
23
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
24
ADCIN0P
Analog In
Do not connect. Reserved for internal use.
25
ADCIN0N
Analog In
Do not connect. Reserved for internal use.
26
ADCIN1P
Analog In
Do not connect. Reserved for internal use.
27
ADCIN1N
Analog In
Do not connect. Reserved for internal use.
28
AVDD33
Supply
+3.3V DC Supply Voltage for analog circuits.
29
GND
RF Shield
Ground for shield of RF signal.
30
RFFBP
Analog In
RF Feedback Signal, differential input. See S-parameters for complex
impedance values.
31
RFFBN
32
GND
RF Shield
Ground for shield of RF signal.
33
FLTCAP0P
Analog Out
Dedicated external filter capacitor #0.
34
FLTCAP0N
35
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
36
AVDD18
Supply
+1.8V DC Supply Voltage for analog circuits.
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 14
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com