Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC1894 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # SC1894
Description  225MHz to 3800MHz RF Power Amplifier Linearizer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

SC1894 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button SC1894 Datasheet HTML 9Page - Maxim Integrated Products SC1894 Datasheet HTML 10Page - Maxim Integrated Products SC1894 Datasheet HTML 11Page - Maxim Integrated Products SC1894 Datasheet HTML 12Page - Maxim Integrated Products SC1894 Datasheet HTML 13Page - Maxim Integrated Products SC1894 Datasheet HTML 14Page - Maxim Integrated Products SC1894 Datasheet HTML 15Page - Maxim Integrated Products SC1894 Datasheet HTML 16Page - Maxim Integrated Products SC1894 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AVDD18
1
64
49
48
33
17
16
GND
MGPOUT1
AVDD18
GND
RFOUTP
RFOUTN
GND
FLTCAP0P
AVDD18
DVDD18
XTALO
XTALI
FLTCAP1N
FLTCAP2P
FLTCAP0N
AVDD18
AVDD18
FLTCAP3P
FLTCAP3N
2
3
4
5
6
7
8
9
10
11
12
13
14
15
39
38
37
36
35
34
40
46
45
44
43
42
41
47
18
19
20
21
22
23
24
25
26
27
28
29
30
31
AVDD18
FLTCAP2N
DVDD18
SC1894
AVDD33
63
62
61
60
59
58
57
56
55
54
53
52
51
50
AVDD18
AVDD18
MGPOUT3
MGPOUT2
GND
BGRES
65 - GNDPAD
FLTCAP1P
MGPOUT0
32
TOP VIEW
SC1894
225MHz to 3800MHz RF Power
Amplifier Linearizer (RFPAL)
www.maximintegrated.com
Maxim Integrated │ 13
Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com