Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC358F Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC358F
Description  1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC358F Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC358F Datasheet HTML 1Page - First Silicon Co., Ltd FC358F Datasheet HTML 2Page - First Silicon Co., Ltd FC358F Datasheet HTML 3Page - First Silicon Co., Ltd FC358F Datasheet HTML 4Page - First Silicon Co., Ltd FC358F Datasheet HTML 5Page - First Silicon Co., Ltd FC358F Datasheet HTML 6Page - First Silicon Co., Ltd FC358F Datasheet HTML 7Page - First Silicon Co., Ltd FC358F Datasheet HTML 8Page - First Silicon Co., Ltd FC358F Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
APPLICATION NOTES
Driving Capacitive Loads
The FC358F can directly drive 250pF in unity-gain without oscillation. The unity-gain follower
(buffer) is the most sensitive configuration to capacitive loading. Direct capacitive loading reduces
the phase margin of amplifiers and this results in ringing or even oscillation.Applications that require
greater capacitive drive capability should use an isolation resistor between the output and the
capacitive load like the circuit in Figure 1. Theisolation resistor RISO and the load capacitor CL
form a zero to increase stability. The bigger the RISO resistor value, the more stable VOUT will be.
Note that this method results in a loss of gain accuracy because RISO forms a voltage divider with
the RLOAD.
Figure 1. Indirectly Driving Heavy Capacitive Load
An improvement circuit is shown in Figure 2, It provides DC accuracy as well as AC stability. RF
provides the DC accuracy by connecting the inverting signal with the output, CF and RIso serve to
counteract the loss of phase margin by feeding the high frequency component of the output signal
back to the amplifier’s inverting input, thereby preserving phase margin in the overall feedback loop.
Figure 2. Indirectly Driving Heavy Capacitive Load with DC Accuracy
For no-buffer configuration, there are two others ways to increase the phase margin: (a) by
increasing the amplifier’s gain or (b) by placing a capacitor in parallel with the feedback resistor to
counteract the parasitic capacitance associated with inverting node.
FC358F
2019. 11. 15
5/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com