Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC358F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC358F
Description  1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC358F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC358F Datasheet HTML 1Page - First Silicon Co., Ltd FC358F Datasheet HTML 2Page - First Silicon Co., Ltd FC358F Datasheet HTML 3Page - First Silicon Co., Ltd FC358F Datasheet HTML 4Page - First Silicon Co., Ltd FC358F Datasheet HTML 5Page - First Silicon Co., Ltd FC358F Datasheet HTML 6Page - First Silicon Co., Ltd FC358F Datasheet HTML 7Page - First Silicon Co., Ltd FC358F Datasheet HTML 8Page - First Silicon Co., Ltd FC358F Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
Applications
·
·
·
SOP-8 / MSOP-8
OUTPUT 1
INPUT 1+
INPUT 1-
GND
VCC
OUTPUT 2
INPUT 2-
INPUT 2+
1
2
3
4
8
7
6
5
DESCRIPTION
The FC358F(dual) are rail- to- rail input and output voltage
feedback amplifiers offering low cost. They have a wide input
common -mode voltage range and output voltages wing,and
take the minimum operating supply voltage down to 2.1V and
the maximum recommended supply voltage is 5.5V.
temperature range.
The FC358F provide 1MHz bandwidth at a low current
consumption of 60μA per amplifier. Very low input bias
currents of 10p
A enable FC358F to be used for integrators,
photodiode amplifiers, and piezoelectric sensors. Rail - to -
rail inputs and outputs are useful to designers buffering ASIC
in single - supply systems.
Applications for the series
amplifiers include safety monitoring , portable equipment,
battery and power supply control, and signal conditioning and
interfacing for transducers in very low power systems.
The
FC358F is available in SOP-8 and MSOP-8 packages.
• Low Cost
• Rail- to- Rail Input and Output 0.8mV Typical VOS
• Unity Gain Stable
• Gain Bandwidth Product: 1MHz
• Very Low Input Bias Currents:
• Operates on 2.1V to 5.5V Supplies
• Input Voltage Range: - 0.1V to +5.6V with VS = 5.5V
• Low Supply Current: < 60μA/Amplifier
• Small Packaging: FC358F Available in SOP-8,
M
SOP-8
ASIC Input or Output Amplifier
Sensor Interface
Piezo Electric Transducer Amplifier
Medical
Instrumentation
Mobile Communication
Audio Output
Portable Systems
Smoke Detectors
Notebook
PC
PCMCIA Cards
Battery –
Powered Equipment
D
SP Interface
·
·
·
·
·
·
·
·
·
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
SEMICONDUCTOR
TECHNICAL DATA
FC358F
2019. 11. 15
1/9
Revision No : 0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, V+ to V-............................................................7.5V
Common-Mode Input Voltage.................................................... (-VS) - 0.5V to (+VS) + 0.5V
Storage Temperature Range........................ .............................–65℃ to +150℃
Junction Temperature.................................................................160℃
Operating Temperature Range...................... ……………………0℃ to +70℃
Lead Temperature Range (Soldering 10 sec).............................260℃


Similar Part No. - FC358F

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FC358AD FARADAY-FC358AD Datasheet
126Kb / 2P
REJECTION FILTERS
FC358PC FARADAY-FC358PC Datasheet
126Kb / 2P
REJECTION FILTERS
FC358WD FARADAY-FC358WD Datasheet
126Kb / 2P
REJECTION FILTERS
More results

Similar Description - FC358F

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8631 SGMICRO-SGM8631_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
Rail-to-Rail I/O CMOS Operational Amplifiers
logo
First Silicon Co., Ltd
FC321SOT FS-FC321SOT Datasheet
587Kb / 8P
1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com