Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC358F Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC358F
Description  1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC358F Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC358F Datasheet HTML 1Page - First Silicon Co., Ltd FC358F Datasheet HTML 2Page - First Silicon Co., Ltd FC358F Datasheet HTML 3Page - First Silicon Co., Ltd FC358F Datasheet HTML 4Page - First Silicon Co., Ltd FC358F Datasheet HTML 5Page - First Silicon Co., Ltd FC358F Datasheet HTML 6Page - First Silicon Co., Ltd FC358F Datasheet HTML 7Page - First Silicon Co., Ltd FC358F Datasheet HTML 8Page - First Silicon Co., Ltd FC358F Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Power-Supply Bypassing and Layout
The FC358F family operates from either a single +2.5V to +5.5V supply or dual ±1.25V to ±2.75V
supplies. For single-supply operation, bypass the power supply VDD with a 0.1μF ceramic
capacitor which should be placed close to the VDD pin. For dual-supply operation, both the VDD
and the VSS supplies should be bypassed to ground with separate 0.1μF ceramic capacitors. 2.2μF
tantalum capacitor can be added for better performance.
Figure 3. Amplifier with Bypass Capacitors
TYPICAL APPLICATION CIRCUITS
Differential Amplifier
The circuit shown in Figure 4 performs the difference function. If the resistors ratios are equal (R4 /
R3 = R2 / R1), then VOUT = (Vp – Vn) × R2 / R1 + VREF.
Figure 4. Differential Amplifier
FC358F
2019. 11. 15
6/9
Revision No : 0
APPLICATION NOTES(Con.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com