Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC358F Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC358F
Description  1MHz, 60uA, Rail-to-Rail I/O CMOS Operational Amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC358F Datasheet(HTML) 7 Page - First Silicon Co., Ltd

  FC358F Datasheet HTML 1Page - First Silicon Co., Ltd FC358F Datasheet HTML 2Page - First Silicon Co., Ltd FC358F Datasheet HTML 3Page - First Silicon Co., Ltd FC358F Datasheet HTML 4Page - First Silicon Co., Ltd FC358F Datasheet HTML 5Page - First Silicon Co., Ltd FC358F Datasheet HTML 6Page - First Silicon Co., Ltd FC358F Datasheet HTML 7Page - First Silicon Co., Ltd FC358F Datasheet HTML 8Page - First Silicon Co., Ltd FC358F Datasheet HTML 9Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Instrumentation Amplifier
The circuit in Figure 5 performs the same function as that in Figure 4 but with the high input
impedance.
Figure 5. Instrumentation Amplifier
Low Pass Active Filter
The low pass filter shown in Figure 6 has a DC gain of (-R2 / R1) and the –3dB corner frequency is
1/2πR2C. Make sure the filter is within the bandwidth of the amplifier. The Large values of feedback
resistors can couple with parasitic capacitance and cause undesired effects such as ringing or
oscillation in high-speed amplifiers. Keep resistors value as low as possible and consistent with
output loading consideration.
Figure 6. Low Pass Active Filter
TYPICAL APPLICATION CIRCUITS(Con.)
FC358F
2019. 11. 15
7/9
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com