Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1664 Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # 2SD1664
Description  Low saturation voltage:VCE(sat)=0.15V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

2SD1664 Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  2SD1664 Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SD1664 Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SD1664 Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd 2SD1664 Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Low saturation voltage:VCE(sat)=0.15V(typ.)
(IC/iB=500mA/50mA)
PC=0.5W(Mounted on ceramic substrate)
Complement the 2SB1132.
APPLICATIONS
NPN silicon transistor.
ORDERING INFORMATION
SOT-89
Type No.
Marking
Package Code
2SD1664
DAP/DAQ/DAR
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
40
V
VCEO
Collector-Emitter Voltage
32
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
1
A
IC
Collector Current -pulse
2
A
PC
Collector Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
℃
Pb
Lead-free
2SD1664
Rev : 01.06.2014
l/4
www.leiditech.com


Similar Part No. - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Unisonic Technologies
2SD1664 UTC-2SD1664 Datasheet
188Kb / 3P
MEDIUM POWER NPN TRANSISTOR
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
logo
Guangdong Kexin Industr...
2SD1664 KEXIN-2SD1664 Datasheet
365Kb / 3P
Medium Power Transistor
logo
SeCoS Halbleitertechnol...
2SD1664 SECOS-2SD1664 Datasheet
118Kb / 3P
NPN Silicon General Purpose Transistor
More results

Similar Description - 2SD1664

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZX5T853G ZETEX-ZX5T853G Datasheet
126Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Fairchild Semiconductor
FGH30N60LSD FAIRCHILD-FGH30N60LSD Datasheet
714Kb / 9P
Low saturation voltage: VCE(sat) =1.1V @ IC = 30A
logo
Sanken electric
FGM623S SANKEN-FGM623S Datasheet
387Kb / 7P
Low Saturation Voltage VCE(sat)=1.5V typ. (IC=30A)
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
logo
Fairchild Semiconductor
SGP23N60UFTU FAIRCHILD-SGP23N60UFTU Datasheet
416Kb / 7P
Low Saturation Voltage: VCE(sat) = 2.1 V @ IC = 12 A
logo
MAKO SEMICONDUCTOR CO.,...
2SB1073 MAKOSEMI-2SB1073 Datasheet
102Kb / 2P
Low collector-emitter saturation voltage VCE(sat)
logo
Diodes Incorporated
ZX5T853G DIODES-ZX5T853G_15 Datasheet
136Kb / 6P
100V NPN LOW SAT MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
SEPTEMBER 2003
logo
Inchange Semiconductor ...
2N5497 ISC-2N5497 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3.5A
2N5495 ISC-2N5495 Datasheet
140Kb / 2P
Low Saturation Voltage-: VCE (sat)= 1V(Max)@IC= 3A
logo
First Silicon Co., Ltd
FTC2655 FS-FTC2655 Datasheet
162Kb / 2P
Low Saturation Voltage: VCE(sat)=0.5V(Max)(IC=1A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com