Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR567F3 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR567F3
Description  NPN 2.5A 120V Middle Power Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR567F3 Datasheet(HTML) 1 Page - Rohm

  2SCR567F3 Datasheet HTML 1Page - Rohm 2SCR567F3 Datasheet HTML 2Page - Rohm 2SCR567F3 Datasheet HTML 3Page - Rohm 2SCR567F3 Datasheet HTML 4Page - Rohm 2SCR567F3 Datasheet HTML 5Page - Rohm 2SCR567F3 Datasheet HTML 6Page - Rohm 2SCR567F3 Datasheet HTML 7Page - Rohm 2SCR567F3 Datasheet HTML 8Page - Rohm 2SCR567F3 Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2SCR567F3
NPN 2.5A 120V Middle Power Transistor
Datasheet
l
lOutline
Parameter
Value
DFN2020-3S
VCEO
120V
IC
2.5A
HUML2020L3
l
lFeatures
l
lInner circuit
1) Suitable for Middle Power Driver.
2) Low VCE(sat)
VCE(sat)=200mV(Max.).
(IC/IB=800mA/80mA)
3) High collector current.
IC=2.5A(max),ICP=5A(max)
4) Leadless small SMD package (HUML2020L3)
Excellent thermal and electrical conductivity.
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Taping
code
Reel size
(mm)
Tape width
(mm)
Quantity
(pcs)
Marking
2SCR567F3
DFN2020-3S
(HUML2020L3)
TR
180
8
3000
NK
www.rohm.com
© 2020 ROHM Co., Ltd. All rights reserved.
1/6
20200731 - Rev.002


Similar Part No. - 2SCR567F3

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR562F3 ROHM-2SCR562F3 Datasheet
360Kb / 8P
NPN 6A 30V Middle Power Transistor
2SCR563F3 ROHM-2SCR563F3 Datasheet
1Mb / 9P
NPN 6A 50V Middle Power Transistor
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
More results

Similar Description - 2SCR567F3

ManufacturerPart #DatasheetDescription
logo
Rohm
RQ5E025AT ROHM-RQ5E025AT Datasheet
2Mb / 13P
Pch -30V -2.5A Middle Power MOSFET
2SCR372P5 ROHM-2SCR372P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/700mA)
2SCR375P5 ROHM-2SCR375P5 Datasheet
1Mb / 9P
Middle Power Transistor(120V/1.5A)
2SAR544PFRA ROHM-2SAR544PFRA Datasheet
1Mb / 8P
Middle Power Transistor (-80V / -2.5A)
2SCR544PFRA ROHM-2SCR544PFRA Datasheet
1Mb / 8P
Middle Power Transistor (80V / 2.5A)
RW1C026ZP ROHM-RW1C026ZP Datasheet
2Mb / 12P
Pch -20V -2.5A Middle Power MOSFET
2SAR372P5 ROHM-2SAR372P5 Datasheet
1Mb / 10P
PNP -0.7A -120V Middle Power Transistor
2SAR375P5 ROHM-2SAR375P5 Datasheet
1Mb / 10P
PNP -1.5A -120V Middle Power Transistor
2SAR567F3 ROHM-2SAR567F3 Datasheet
1Mb / 9P
PNP -2.5A -120V Middle Power Transistor
2SCR372PFRA ROHM-2SCR372PFRA Datasheet
972Kb / 9P
Middle Power Transistor(120V/0.7A)
20190527 - Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com