Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2011 Datasheet(PDF) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2011
Description  4.7W Anti-cutting Mono Class D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2011 Datasheet(HTML) 13 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2011 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
(
3)差分输入,非固定模式应用,通过CTRL1和CTRL2电位实现ACF和 ACF-Off 灵活切换。
注
- 以上应用图中元件说明:
CIN:隔直电容,采用 0.1µF 或更小的(如 33nF),±10%的 CIN 来进一步消除咔嗒-噼噗声和从输入端耦
合进入的噪声。正负端两个
CIN 之间需具有良好的匹配性。
CS :电源去耦电容,采用足够低 ESR(等效串联电阻)的电容(不小于 1µF)。当 RL=4Ω 或 VDD≥4.5V
时,为更好的滤除低频噪声,建议另加一个低
ESR 电容(不小于 10µF)。去耦电容离 VDD 管脚越近越好,
保持
3mm 之内。
CB :BYPASS 端口输出 VDD/2 电压,通过电容 CB(1µF)接地以保证稳定性。
HM2011
4.7W 防削顶 D 类音频功率放大器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com