Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2011 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2011
Description  4.7W Anti-cutting Mono Class D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2011 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2011 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
 直流特性(
DC)
VSS=0V, VDD=2.5V~6.5V, Ta= -40ºC~85ºC, 除非特殊说明.
参数
符号
条件
最小值
典型值
最大值
单位
VDD电源的启动阈值
VUVLH
2.10
V
VDD电源的关断阈值
VUVLL
1.90
V
ACF 模式的设置阈值电压
VMOD1
1.20
VDD
V
ACF-Off 模式的设置阈值电压
VMOD2
0.40
0.80
*5
0.90
V
SD 关断模式的设置阈值电压
VMOD3
VSS
0.20
V
静态电流
IDD
VDD=3.6V, Vin=0V,
No load
2.65
mA
VDD=5.0V, Vin=0V,
No load
3.25
VDD=6.5V, Vin=0V,
No load
4.00
关断电流
ISD
CTRL=VSS, Ta=25℃
0.01
1
µA
BYPASS端电压值
VBYPASS
VDD/2
V
注
5: H
M2011启动时CTRL端电压须大于0.80V。
 模拟特性*6
VSS=0V, VDD =5V, Av=23.5dB, Ta=25ºC, CIN=1uF, RIN=12 kΩ, ACF-Off模式, 除非特殊说明.
参数
符号
条件
最小值
典型值
最大值
单位
输出功率
PO
RL=4Ω, VDD=3.6V
f=1kHz,
THD+N=1%
1.10
W
RL=4Ω, VDD=5.0V
2.30
RL=8Ω, VDD=3.6V
0.70
RL=8Ω, VDD=5.0V
1.40
RL=4Ω, VDD=3.6V
f=1kHz,
THD+N=10%
1.40
RL=4Ω, VDD=5.0V
2.80
RL=8Ω, VDD=3.6V
0.85
RL=8Ω, VDD=5.0V
1.70
总谐波失真加噪声
THD+N
RL=4Ω, PO=1W, f=1kHz
0.08
%
输出噪声
VN
f=20Hz~20kHz, A加权, Av=23.5dB
85
µVrms
信噪比
SNR
A加权, Av=23.5dB,THD+N = 1%
91
dB
电源抑制比
PSRR
f=1kHz
-70
dB
效率
η
RL=4Ω+22uH, THD+N = 1%
80
%
RL=8Ω+33uH, THD+N = 1%
90
%
输出失调电压
VOS
±6
mV
系统增益
Av0
RIN=12 kΩ
23.5
dB
ACF衰减增益
Aa
-10
0
dB
HM2011
4.7W 防削顶 D 类音频功率放大器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com