Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM2002 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2002
Description  1.2A built-in power tube step-down LED constant current driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2002 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM2002 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2002 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
第 8 页
封装尺寸图(SOT89-5)
Symbol
Dimensions in millimeters
Dimensions in inches
Min
Max
Min
Max
A
1.400
1.600
0.055
0.063
b
0.320
0.520
0.013
0.020
b1
0.360
0.560
0.014
0.022
c
0.350
0.440
0.014
0.017
D
4.400
4.600
0.173
0.181
D1
1.400
1.800
0.055
0.071
E
2.300
2.600
0.091
0.102
E1
3.940
4.250
0.155
0.167
e
1.500TYP
0.060TYP
e1
2.900
3.100
0.114
0.122
L
0.900
1.100
0.035
0.043
1.2A 内置功率管降压型 LED 恒流驱动 IC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com