Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4055 Datasheet(PDF) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4055
Description  Monolithic miniature linear battery management chip with thermal regulation function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4055 Datasheet(HTML) 4 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4055 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
■ 功能框图
REF
1.21V
VIN
BAT
GND
VIN
R1
R2
1000x
5uA
TA
CA
C1
C2
1x
120℃
TDIE
CHRG
STANDBY
2.9V
TO
BAT
R3
1V
R4
0.1V
R5
3uA
SHDN
RPROG
4
3
2
5
1
PROG
VA
MA
C3
■ 绝对最大额定值
参数
标号
最大额定值
单位
输入电压
Vcc
VSS-0.3~VSS+12
V
PROG 端电压
Vprog
VSS-0.3~Vcc+0.3
BAT 端电压
Vbat
Vss-0.3~12
CHRG 端电压
Vchrg
VSS-0.3~VSS+12
容许功耗
PD
SOT-23-5L
250
mW
SOT-89-5L
500
BAT 端电流
Ibat
500
mA
PROG 端电流
Iprog
800
uA
人体模式 ESD 能力
VESD
6000
V
工作外围温度
Topa
-40~+85
°C
存储温度
Tstr
-65~+125
HM4055



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com