Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM4055 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4055
Description  Monolithic miniature linear battery management chip with thermal regulation function
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4055 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM4055 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4055 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
13. 再充电迟滞电压 VS 温度
-40
-20
0
20
40
60
80
100
120
0
40
80
120
160
200
240
280
320
360
400
Recharge Battery threshold Voltage VS Temperature
Temperature (℃)
VIN=5.0V, RSET=2K
14. CHRG 端电流 VS 温度
-40
-20
0
20
40
60
80
100
120
-1
0
1
2
3
4
5
6
7
8
9
Charge Pin Current VS Temperature
Temperature (℃)
VIN=5.0V, VBAT=4.0V, Vcharge=1V
VIN=5.0V, VBAT=4.3V, Vcharge=5V
15. 涓流充电电流 VS 温度
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
160
Trickle Charge Current VS Temperature
Temperature (℃)
VIN=5.0V, VBAT=2.5V, RSET=2K
16. 涓流充电极限电压 VS 温度
-40
-20
0
20
40
60
80
100
1.50
1.75
2.00
2.25
2.50
2.75
3.00
3.25
3.50
3.75
4.00
Trickle charge Threshold Voltage VS Temperature
Temperature (℃)
VIN=5.0V, RSET=2K
17. 充电电流温度曲线
-40
-20
0
20
40
60
80
100
120
0
100
200
300
400
500
600
700
800
Charge Current VS Temperature
Temperature (℃)
VIN=5.0V, VBAT=3.6V, RSET=2K
18. 功率管内阻 VS 温度
-40
-20
0
20
40
60
80
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Power Tube Resistance VS Temperature
Temperature (℃)
VBAT=3.7V, RSET=2K
HM4055



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com